Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT45DB161E Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # AT45DB161E
Description  16-Mbit DataFlash (with Extra 512-kbits) 2.3 V or 2.5 V Minimum SPI Serial Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AT45DB161E Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button AT45DB161E Datasheet HTML 69Page - Renesas Technology Corp AT45DB161E Datasheet HTML 70Page - Renesas Technology Corp AT45DB161E Datasheet HTML 71Page - Renesas Technology Corp AT45DB161E Datasheet HTML 72Page - Renesas Technology Corp AT45DB161E Datasheet HTML 73Page - Renesas Technology Corp AT45DB161E Datasheet HTML 74Page - Renesas Technology Corp AT45DB161E Datasheet HTML 75Page - Renesas Technology Corp AT45DB161E Datasheet HTML 76Page - Renesas Technology Corp AT45DB161E Datasheet HTML 77Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
DS-AT45DB161E-8782 Rev. P
Page 74
1/27/23
© 2023 Renesas Electronics
AT45DB161E Datasheet
29.4 CS16-11A – 11-ball WLCSP
TITLE
DRAWING NO.
GPC
REV.
CS16-11A
YFG
A
CS16-11A, 11-ball, Wafer Level Chip Scale
Package (WLCSP)
COMMON DIMENSIONS
(Unit of Measure = mm)
12/22/15
TOP VIEW
SIDE VIEW
BOTTOM VIEW
Pin Assignment Matrix
1
2
V
CC
GND
SO
CS
SCK
SI
WP
RESET
3
4
NC
NC
NC
A
B
C
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com