Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4014BMS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CD4014BMS
Description  CMOS 8-Stage Static Shift Registers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4014BMS Datasheet(HTML) 4 Page - Renesas Technology Corp

  CD4014BMS Datasheet HTML 1Page - Renesas Technology Corp CD4014BMS Datasheet HTML 2Page - Renesas Technology Corp CD4014BMS Datasheet HTML 3Page - Renesas Technology Corp CD4014BMS Datasheet HTML 4Page - Renesas Technology Corp CD4014BMS Datasheet HTML 5Page - Renesas Technology Corp CD4014BMS Datasheet HTML 6Page - Renesas Technology Corp CD4014BMS Datasheet HTML 7Page - Renesas Technology Corp CD4014BMS Datasheet HTML 8Page - Renesas Technology Corp CD4014BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CD4014BMS, CD4021BMS
FN3294 Rev 0.00
Page 4 of 9
December 1992
Propagation Delay
TPHL
TPLH
VDD = 10V
1, 2, 3
+25oC
-
160
ns
VDD = 15V
1, 2, 3
+25oC
-
120
ns
Transition Time
TTHL
TTLH
VDD = 10V
1, 2, 3
+25oC
-
100
ns
VDD = 15V
1, 2, 3
+25oC
-
80
ns
Maximum Clock Input
Frequency
FCL
VDD = 10V
1, 2, 3
+25oC6
-
MHz
VDD = 15V
1, 2, 3
+25oC8.5
-
MHz
Clock Rise and Fall Time
(Note 4)
TRCL
TFCL
VDD = 5V
3, 5
+25oC-
15
s
VDD = 10V
3, 5
+25oC-
15
s
VDD = 15V
3, 5
+25oC-
15
s
Minimum Hold Time Seri-
al In, Parallel In
Parallel/Serial Control
TH
VDD = 5V
1, 2, 3
+25oC-
0
ns
VDD = 10V
1, 2, 3
+25oC-
0
ns
VDD = 15V
1, 2, 3
+25oC-
0
ns
Minimum Clock Pulse
Width
TW
VDD = 5V
1, 2, 3
+25oC
-
180
ns
VDD = 10V
1, 2, 3
+25oC
-
80
ns
VDD = 15V
1, 2, 3
+25oC
-
50
ns
Minimum Setup Time
Serial Input (Ref. to CL)
TS
VDD = 5V
2, 3
+25oC
-
120
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
60
ns
Minimum Setup Time
Parallel Inputs
CD4014BMS
(Ref. to CL)
TS
VDD = 5V
2, 3
+25oC
-
80
ns
VDD = 10V
2, 3
+25oC
-
50
ns
VDD = 15V
2, 3
+25oC
-
40
ns
Minimum Setup Time
Parallel Inputs
CD4021BMS
(Ref. to P/S)
TS
VDD = 5V
2, 3
+25oC
-
50
ns
VDD = 10V
2, 3
+25oC
-
30
ns
VDD = 15V
2, 3
+25oC
-
20
ns
Minimum Setup Time
Parallel/Serial Control
CD4014BMS (Ref. to CL)
TS
VDD = 5V
2, 3
+25oC
-
180
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
60
ns
Minimum P/S Pulse
Width (CD4021BMS)
TWH
VDD = 5V
2, 3
+25oC
-
160
ns
VDD = 10V
2, 3
+25oC
-
80
ns
VDD = 15V
2, 3
+25oC
-
50
ns
Minimum P/S Removal
Time CD4021BMS
(Ref. to CL)
TREM
VDD = 5V
2, 3
+25oC
-
280
ns
VDD = 10V
2, 3
+25oC
-
140
ns
VDD = 15V
2, 3
+25oC
-
100
ns
Input Capacitance
CIN
Any Input
1, 2
+25oC-
7.5
pF
NOTES:
1. All voltages referenced to device GND.
2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on
initial design release and upon design changes which would affect these characteristics.
3. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
4. If more than one unit is cascaded, TRCL should be made less than or equal to the sum of the transition time and the fixed propagation
delay of the output of the driving stage for the estimated capacitive load.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
(Continued)
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com