Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4014BMS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CD4014BMS
Description  CMOS 8-Stage Static Shift Registers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4014BMS Datasheet(HTML) 1 Page - Renesas Technology Corp

  CD4014BMS Datasheet HTML 1Page - Renesas Technology Corp CD4014BMS Datasheet HTML 2Page - Renesas Technology Corp CD4014BMS Datasheet HTML 3Page - Renesas Technology Corp CD4014BMS Datasheet HTML 4Page - Renesas Technology Corp CD4014BMS Datasheet HTML 5Page - Renesas Technology Corp CD4014BMS Datasheet HTML 6Page - Renesas Technology Corp CD4014BMS Datasheet HTML 7Page - Renesas Technology Corp CD4014BMS Datasheet HTML 8Page - Renesas Technology Corp CD4014BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN3294 Rev 0.00
Page 1 of 9
December 1992
FN3294
Rev 0.00
December 1992
CD4014BMS, CD4021BMS
CMOS 8-Stage Static Shift Registers
DATASHEET
Description
CD4014BMS -Synchronous Parallel or Serial Input/Serial Output
CD4021BMS -Asynchronous Parallel Input or Synchronous
Serial Input/Serial Output
CD4014BMS and CD4021BMS series types are 8-stage paral-
lel- or serial-input/serial output registers having common CLOCK
and PARALLEL/SERIAL CONTROL inputs, a single SERIAL
data input, and individual parallel “JAM” inputs to each register
stage. Each register stage is a D-type, master-slave flip-flop. In
addition to an output from stage 8, “Q” outputs are also available
from stages 6 and 7. Parallel as well as serial entry is made into
the register synchronously with the positive clock line transition in
the CD4014BMS. In the CD4021BMS serial entry is synchro-
nous with the clock but parallel entry is asynchronous. In both
types, entry is controlled by the PARALLEL/SERIAL CONTROL
input. When the PARALLEL/SERIAL CONTROL input is low,
data is serially shifted into the 8-stage register synchronously
with the positive transition of the clock line. When the PARAL-
LEL/SERIAL CONTROL input is high, data is jammed into the 8-
stage register via the parallel input lines and synchronous with
the positive transition of the clock line. In the CD4021BMS, the
CLOCK input of the internal stage is “forced” when asynchro-
nous parallel entry is made. Register expansion using multiple
packages is permitted.
The CD4014BMS and CD4021BMS are supplied in these 16
lead outline packages:
Braze Seal DIP
H4T
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
Features
• High Voltage Types (20V Rating)
• Medium Speed Operation 12MHz (Typ.) Clock Rate at
VDD-VSS = 10V
• Fully Static Operation
• 8 Master-Slave Flip-Flops Plus Output Buffering and
Control Gating
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
A at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Full Package Temperature Range)
• 1V at VDD = 5V
• 2V at VDD = 10V
• 2.5V at VDD = 15V
• Standardized Symmetrical Output Characteristics
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
`B' Series CMOS Devices
Applications:
• Parallel Input/Serial Output Data Queueing
• Parallel to Serial Data Conversion
• General Purpose Register
Functional Diagram
14 15
13
1
4
5
6
716
12345678
VDD
PAR. IN
VSS
12
3
2
11
10
9
Q6
Q7
Q8
PARALLEL/SERIAL
CONTROL
SERIAL IN
CLOCK
8
Pinout
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PI-8
Q6
Q8
PI-4
PI-3
PI-2
VSS
PI-1
VDD
PI-6
PI-5
Q7
SERIAL IN
CLOCK
PARALLEL/SERIAL
PI-7
CONTROL


Similar Part No. - CD4014BMS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
More results

Similar Description - CD4014BMS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4014B STMICROELECTRONICS-HCC4014B Datasheet
301Kb / 13P
8-STAGE STATIC SHIFT REGISTERS
Nov-1996
logo
Intersil Corporation
CD4014BMS INTERSIL-CD4014BMS Datasheet
93Kb / 9P
CMOS 8-Stage Static Shift Registers
December 1992
logo
Texas Instruments
CD4021B TI-CD4021B Datasheet
547Kb / 13P
CMOS 8-Stage Static Shift Registers
logo
Unisonic Technologies
CD4014B UTC-CD4014B Datasheet
216Kb / 9P
CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4021BEE4 TI-CD4021BEE4 Datasheet
1Mb / 29P
CMOS 8-Stage Statice Shift Registers
logo
Unisonic Technologies
UCD4014B UTC-UCD4014B Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4014B UTC-UCD4014B_15 Datasheet
207Kb / 8P
CMOS 8-STAGE STATIC SHIFT REGISTERS
UCD4021B UTC-UCD4021B_15 Datasheet
235Kb / 10P
CMOS 8-STAGE STATIC SHIFT REGISTERS
logo
Texas Instruments
CD4014B TI1-CD4014B_15 Datasheet
1Mb / 28P
CMOS 8-stage Static Shift Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com