Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4014BMS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CD4014BMS
Description  CMOS 8-Stage Static Shift Registers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4014BMS Datasheet(HTML) 6 Page - Renesas Technology Corp

  CD4014BMS Datasheet HTML 1Page - Renesas Technology Corp CD4014BMS Datasheet HTML 2Page - Renesas Technology Corp CD4014BMS Datasheet HTML 3Page - Renesas Technology Corp CD4014BMS Datasheet HTML 4Page - Renesas Technology Corp CD4014BMS Datasheet HTML 5Page - Renesas Technology Corp CD4014BMS Datasheet HTML 6Page - Renesas Technology Corp CD4014BMS Datasheet HTML 7Page - Renesas Technology Corp CD4014BMS Datasheet HTML 8Page - Renesas Technology Corp CD4014BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CD4014BMS, CD4021BMS
FN3294 Rev 0.00
Page 6 of 9
December 1992
Logic Diagram
FIGURE 1. CD4014BM LOGIC DIAGRAM
Static Burn-In 2 (Note 1)
2, 3, 12
8
1, 4-7, 9-11, 13-6
Dynamic Burn-In (Note 1)
-
1, 4-9, 13 -15
16
2, 3, 12
10
11
Irradiation (Note 2)
2, 3, 12
8
1, 4-7, 9-11, 13-16
NOTE:
1. Each pin except VDD and GND will have a series resistor of 10K
 5%, VDD = 18V  0.5V
2. Each pin except VDD and GND will have a series resistor of 47K
5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD =
10V
 0.5V
TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS
(Continued)
FUNCTION
OPEN
GROUND
VDD
9V
 -0.5V
OSCILLATOR
50kHz
25kHz
TRUTH TABLE - CD4014BMS
CL
SERIAL INPUT
PARALLEL/SERIAL CONTROL
PI-1
PI-n
Q1 (INTERNAL)
Qn
X
1
0
000
X
1
1
010
X
1
0
101
X
1
1
111
00
X
X
0
Qn-1
10
X
X
1
Qn-1
X
X
X
X
Q1
Qn
NC
X = Don’t Care Case
NC = No Change
CL
CL
CL
CL
CL
CL
11
10
9
7
6
5
4
13
14
15
1
P7
P8
P6
P5
P4
P3
P2
P1
P
D
PS
CL
CL
C
CL
CL
PARALLEL/SERIAL
CONTROL
CLOCK
SERIAL
INPUT
P
CL
PS
D
Q
P
CL
PS
D
Q
P
CL
PS
D
Q
CL
PS
P
D
Q
P
CL
PS
D
Q
P
CL
PS
D
Q
P
CL
PS
D
Q
P
CL
PS
D
Q
P
CL
PS
D
Q
*
*
*
p
n
p
n
p
n
p
n
p
n
p
n
Q
VDD
VSS
*ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
3
2
2
Q8
Q7
Q6
**
**
***
*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com