Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4076BMS Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CD4076BMS
Description  CMOS 4 -Bit D-Type Registers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4076BMS Datasheet(HTML) 7 Page - Renesas Technology Corp

  CD4076BMS Datasheet HTML 1Page - Renesas Technology Corp CD4076BMS Datasheet HTML 2Page - Renesas Technology Corp CD4076BMS Datasheet HTML 3Page - Renesas Technology Corp CD4076BMS Datasheet HTML 4Page - Renesas Technology Corp CD4076BMS Datasheet HTML 5Page - Renesas Technology Corp CD4076BMS Datasheet HTML 6Page - Renesas Technology Corp CD4076BMS Datasheet HTML 7Page - Renesas Technology Corp CD4076BMS Datasheet HTML 8Page - Renesas Technology Corp CD4076BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CD4076BMS
FN3325 Rev 0.00
Page 7 of 9
December 1992
TRUTH TABLE
RESET
CLOCK
DATA INPUT DISABLE
DATA
NEXT STATE
OUTPUT
G1
G2
D
Q
1X
X
X
X0
00
X
X
X
Q
NC
01
X
X
Q
NC
0X
1
X
Q
NC
00
0
1
1
00
0
0
0
01
X
X
X
Q
NC
0X
X
X
Q
NC
When either Output Disable M or N is high, the outputs are disabled (high impedance state), however sequential operation of the flip-flops is not affected.
1 = High Level
X = Don’t Care
0 = Low Level
NC = No Change
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com