Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4076BMS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CD4076BMS
Description  CMOS 4 -Bit D-Type Registers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4076BMS Datasheet(HTML) 8 Page - Renesas Technology Corp

  CD4076BMS Datasheet HTML 1Page - Renesas Technology Corp CD4076BMS Datasheet HTML 2Page - Renesas Technology Corp CD4076BMS Datasheet HTML 3Page - Renesas Technology Corp CD4076BMS Datasheet HTML 4Page - Renesas Technology Corp CD4076BMS Datasheet HTML 5Page - Renesas Technology Corp CD4076BMS Datasheet HTML 6Page - Renesas Technology Corp CD4076BMS Datasheet HTML 7Page - Renesas Technology Corp CD4076BMS Datasheet HTML 8Page - Renesas Technology Corp CD4076BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CD4076BMS
FN3325 Rev 0.00
Page 8 of 9
December 1992
FIGURE 10. FUNCTIONAL WAVEFORM
FIGURE 6. TYPICAL PROPAGATION DELAY TIME vs LOAD
CAPACITANCE (CLOCK TO Q)
FIGURE 7. TYPICAL TRANSITION TIME vs LOAD
CAPACITANCE
FIGURE 8. TYPICAL MAXIMUM CLOCK INPUT FREQUENCY vs
SUPPLY VOLTAGE
FIGURE 9. TYPICAL DYNAMIC POWER DISSIPATION vs
FREQUENCY
Typical Performance Characteristics (Continued)
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
020
100
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
40
60
80
100
120
140
200
300
400
500
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) (pF)
0
40
6080100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
5V
AMBIENT TEMPERATURE (TA) = +25oC
LOAD CAPACITANCE (CL) = 50pF
5
0
5
10
15
20
SUPPLY VOLTAGE (VDD) (V)
10
15
10V
5V
10V
8
6
4
28
6
4
2
INPUT FREQUENCY (f) (kHz)
10-1
110
102
8
6
4
2
8
6
4
2
103
102
10
1
104
AMBIENT TEMPERATURE (TA) = +25oC
SUPPLY VOLTAGE (VDD) = 15V
CL = 15pF
CL = 50pF
8
6
4
28
6
4
2
103
8
6
4
2
104
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
105
10%
90%
50%
50%
tW
tW
tS
tS
tS
DATA
INPUT
DIABLE
RESET
Q
OUTPUT
tW
tPHL
tTHL
tTLH
tPLH
tPHL
50%
50%
CLOCK
50%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com