Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4076BMS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CD4076BMS
Description  CMOS 4 -Bit D-Type Registers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CD4076BMS Datasheet(HTML) 9 Page - Renesas Technology Corp

  CD4076BMS Datasheet HTML 1Page - Renesas Technology Corp CD4076BMS Datasheet HTML 2Page - Renesas Technology Corp CD4076BMS Datasheet HTML 3Page - Renesas Technology Corp CD4076BMS Datasheet HTML 4Page - Renesas Technology Corp CD4076BMS Datasheet HTML 5Page - Renesas Technology Corp CD4076BMS Datasheet HTML 6Page - Renesas Technology Corp CD4076BMS Datasheet HTML 7Page - Renesas Technology Corp CD4076BMS Datasheet HTML 8Page - Renesas Technology Corp CD4076BMS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
FN3325 Rev 0.00
Page 9 of 9
December 1992
CD4076BMS
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1999. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
FIGURE 11. FUNCTIONAL WAVEFORM
tPHZ
VDD
VSS
VDD
VOL
VOH
VSS
50%
90%
10%
50%
tPZH
10%
90%
tPZL
tPLZ
Q OUTPUT
Q OUTPUT
OUTPUT DISABLE
CHARACTER
TEST
VOLTAGE
AT D
AT Q
tPHZ
VDD
VSS
tPLZ
VSS
VDD
tPZL
VSS
VDD
tPZH
VDD
VSS
Chip Dimensions and Pad Layout
METALLIZATION: Thickness: 11k
Å 14kÅ, AL.
PASSIVATION: 10.4kÅ - 15.6k
Å, Silane
BOND PADS: 0.004 inches X 0.004 inches MIN
DIE THICKNESS: 0.0198 inches - 0.0218 inches
Dimensions in parentheses are in millimeters
and are derived from the basic inch dimensions
as indicated. Grid graduations are in mils (10-3 inch)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com