Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

853S01 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 853S01
Description  2:1 Differential-to-LVPECL Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S01 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 853S01 Datasheet HTML 7Page - Renesas Technology Corp 853S01 Datasheet HTML 8Page - Renesas Technology Corp 853S01 Datasheet HTML 9Page - Renesas Technology Corp 853S01 Datasheet HTML 10Page - Renesas Technology Corp 853S01 Datasheet HTML 11Page - Renesas Technology Corp 853S01 Datasheet HTML 12Page - Renesas Technology Corp 853S01 Datasheet HTML 13Page - Renesas Technology Corp 853S01 Datasheet HTML 14Page - Renesas Technology Corp 853S01 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
©2016 Integrated Device Technology, Inc.
Revision B, March 4, 2016
853S01 Datasheet
LVPECL Clock Input Interface (2.5V)
The PCLK /nPCLK accepts LVPECL, LVDS and other differential
signals. The differential signal must meet the VPP and VCMR input
requirements. Figures 3A to 3C show interface examples for the
PCLK/nPCLK input driven by the most common driver types. The
input interfaces suggested here are examples only. If the driver is
from another vendor, use their termination recommendation. Please
consult with the vendor of the driver component to confirm the driver
termination requirements.
Figure 3A. PCLK/nPCLK Input Driven by a 2.5V LVDS
Driver
Figure 3C. PCLK/nPCLK Input Driven by a 2.5V LVPECL
Driver
Figure 3B. PCLK/nPCLK Input Driven by a 3.3V LVPECL
Driver with AC Couple
PCLK
nPCLK
PCLK
nPCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com