Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

853S01 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 853S01
Description  2:1 Differential-to-LVPECL Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

853S01 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 853S01 Datasheet HTML 9Page - Renesas Technology Corp 853S01 Datasheet HTML 10Page - Renesas Technology Corp 853S01 Datasheet HTML 11Page - Renesas Technology Corp 853S01 Datasheet HTML 12Page - Renesas Technology Corp 853S01 Datasheet HTML 13Page - Renesas Technology Corp 853S01 Datasheet HTML 14Page - Renesas Technology Corp 853S01 Datasheet HTML 15Page - Renesas Technology Corp 853S01 Datasheet HTML 16Page - Renesas Technology Corp 853S01 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
©2016 Integrated Device Technology, Inc.
Revision B, March 4, 2016
853S01 Datasheet
Termination for 2.5V LVPECL Outputs
Figure 5A and Figure 5B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminating 50
to VCC – 2V. For VCC = 2.5V, the VCC – 2V is very close to ground
level. The R3 in Figure 5B can be eliminated and the termination is
shown in Figure 5C.
Figure 5A. 2.5V LVPECL Driver Termination Example
Figure 5C. 2.5V LVPECL Driver Termination Example
Figure 5B. 2.5V LVPECL Driver Termination Example
2.5V LVPECL Driver
VCC = 2.5V
2.5V
2.5V
50
Ω
50
Ω
R1
250
Ω
R3
250
Ω
R2
62.5
Ω
R4
62.5
Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
Ω
R2
50
Ω
+
–
2.5V LVPECL Driver
VCC = 2.5V
2.5V
50
Ω
50
Ω
R1
50
Ω
R2
50
Ω
R3
18
Ω
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com