Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122AEHZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA1122AEHZ-R7
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122AEHZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA1122AEHZ-R7 Datasheet HTML 7Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 8Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 9Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 10Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
ADPA1122
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 17
Figure 28. Reverse Isolation vs. Frequency for Various Temperatures
Figure 29. IDQ vs. VGG1, VDD = 28 V
Figure 30. IGG1 vs. PIN for Various Frequencies
Figure 31. PAE, POUT, Gain, and Supply Current (IDD) vs. PIN at 8.4 GHz
Figure 32. POUT, Gain, PAE, and IDD vs. PIN at 10.0 GHz
Figure 33. POUT, Gain, PAE, and IDD vs. PIN at 11.4 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com