Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122AEHZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA1122AEHZ-R7
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122AEHZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA1122AEHZ-R7 Datasheet HTML 9Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 10Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
ADPA1122
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 17
BASIC CONNECTIONS
The basic connections for operating the ADPA1122 are shown in
Figure 47. Apply a power supply voltage between 24 V and 32 V to
the VDD1, VDD2A, and VDD3A pins. Decouple the VDD1, VDD2A,
VDD2B, VDD3A, and VDD3B pins with the capacitor and resistor
values shown in Figure 47. A single VGG1 pin is used to bias the
ADPA1122. Pin 5, Pin 9, Pin 11, and Pin 14 are designated as not
internally connected (NIC) pins. Although these NIC pins are not
internally connected, the NIC pins were all connected to ground
during the characterization of the device.
Apply a voltage between −4 V and −2 V to the VGG1 line to set
the bias level and drain current. Because the ADPA1122 cannot
support continuous operation, the device must be operated in
pulsed mode by pulsing either the gate voltage or the drain voltage.
In gate pulsed mode, VDD is held at a fixed level (nominally +28
V) while the gate voltage is pulsed between −4 V (off) and approxi-
mately −2.6 V (on). The exact on level can be adjusted to achieve
the desired quiescent drain current.
In drain pulsed mode, the VDD voltage is pulsed on and off while the
gate voltage is held at a fixed negative level between −4 V and −2
V. Because high currents and voltages are being switched on and
off, a metal-oxide semiconductor field effect transistor (MOSFET)
and a MOSFET switch driver are required in the circuit. Large
capacitors are also required, which act as local reservoirs of charge
and help provide the drain current required by the ADPA1122 while
maintaining a steady drain voltage during the on time of the pulse.
The ADPA1122-EVALZ evaluation board package includes a plugin
pulser board that contains the required circuitry to implement drain
pulsed mode. See the ADPA1122-EVALZ user guide for more
information.
To safely turn power on, VGG1 must be set to −4 V before the VDD
voltages are applied. After VGG1 is increased to achieve the desired
drain bias current, the RF input can be applied. Trigger the RF
source so that the RF is applied only during the time the drain pulse
is high. To safely turn power off, remove the RF input signal and
decrease VGG1 to −4 V. VDD can then be decreased to 0 V before
increasing VGG1 to 0 V.
Figure 47. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com