Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA1122AEHZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA1122AEHZ-R7
Description  43 dBm, 20 W, GaN Power Amplifier, 8.2 GHz to 11.8 GHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA1122AEHZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA1122AEHZ-R7 Datasheet HTML 9Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 10Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 11Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 12Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 13Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 14Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 15Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 16Page - Analog Devices ADPA1122AEHZ-R7 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Data Sheet
ADPA1122
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 16 of 17
THERMAL MANAGEMENT
Proper thermal management is critical to achieve the specified
performance and rated operating life. Pulsed biasing is required to
limit the average power dissipated and to maintain a safe channel
temperature. The channel (or die) temperature correlates closely
with the mean time to failure.
Consider a continuous bias case (see Figure 48). When bias is ap-
plied, the channel temperature (TCHAN) of the device rises through
a turn on transient interval and eventually settles to a steady state
value. Calculate the thermal resistance (θJC) of the device as the
rise in TCHAN above the starting TBASE divided by the total device
PDISS with the following equation:
θJC = tRISE/PDISS
where:
tRISE is the rise in TCHAN of the device above the TBASE (°C).
PDISS is the power dissipation (W) of the device.
Figure 48. Channel Temperature Rise for Continuous Bias Condition
Next, consider a pulsed bias case at low duty cycle (see Figure 49).
When bias is applied, the TCHAN of the device can be described
as a series of exponentially rising and decaying pulses. The peak
channel temperature reached during consecutive pulses increases
during the turn on transient interval and eventually settles to a
steady state condition where peak channel temperatures from pulse
to pulse stabilize.
Figure 49. Pulsed Bias at Low Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com