Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12S Datasheet(PDF) 14 Page - STMicroelectronics

Part # STEF12S
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12S Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STEF12S Datasheet HTML 10Page - STMicroelectronics STEF12S Datasheet HTML 11Page - STMicroelectronics STEF12S Datasheet HTML 12Page - STMicroelectronics STEF12S Datasheet HTML 13Page - STMicroelectronics STEF12S Datasheet HTML 14Page - STMicroelectronics STEF12S Datasheet HTML 15Page - STMicroelectronics STEF12S Datasheet HTML 16Page - STMicroelectronics STEF12S Datasheet HTML 17Page - STMicroelectronics STEF12S Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Figure 18. En/Fault pin thresholds vs. temperature
1.00
1.50
2.00
2.50
3.00
3.50
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
ON
OFF
Thermal fault
Figure 19. En/Fault pull-up voltage vs. temperature
3.50
4.00
4.50
5.00
5.50
6.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Figure 20. En/Fault pin current vs. temperature (En/Fault
to GND)
10.00
12.00
14.00
16.00
18.00
20.00
22.00
24.00
26.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VEn/Fault = 0 V
Figure 21. Soft-start time vs. temperature (no Cdvdt)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
From 10% to 90% of
VOUT, No Cdv/dt
Figure 22. Start-up via input voltage (no load)
Figure 23. Start-up via En/Fault pin (no load)
STEF12S
Typical characteristics
DS13002 - Rev 5
page 14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com