Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEF12S Datasheet(PDF) 28 Page - STMicroelectronics

Part # STEF12S
Description  Electronic fuse for 12 V line
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF12S Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STEF12S Datasheet HTML 23Page - STMicroelectronics STEF12S Datasheet HTML 24Page - STMicroelectronics STEF12S Datasheet HTML 25Page - STMicroelectronics STEF12S Datasheet HTML 26Page - STMicroelectronics STEF12S Datasheet HTML 27Page - STMicroelectronics STEF12S Datasheet HTML 28Page - STMicroelectronics STEF12S Datasheet HTML 29Page - STMicroelectronics STEF12S Datasheet HTML 30Page - STMicroelectronics STEF12S Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Contents
1
Diagram ...........................................................................2
2
Pin configuration ..................................................................3
3
Typical application.................................................................4
4
Maximum ratings ..................................................................5
5
Electrical characteristics...........................................................6
6
Application information ............................................................8
6.1
Turn-on and soft startup feature .................................................. 8
6.2
Maximum load at startup ........................................................ 8
6.3
Normal operating conditions ..................................................... 8
6.4
Output voltage clamp ........................................................... 9
6.5
Current limiting ................................................................ 9
6.6
Thermal shutdown.............................................................. 9
6.7
En/Fault pin .................................................................. 10
6.8
Reverse blocking function ...................................................... 10
6.9
Application suggestions and PCB layout guidelines ................................. 10
7
Typical characteristics ............................................................12
8
Package information..............................................................17
8.1
TSOT23-8L package information ................................................ 17
8.2
DFN10 (3 x 3 mm) package information........................................... 20
8.3
TSOT23-8L packing information ................................................. 22
8.4
DFN10 (3 x 3 mm) packing information ........................................... 24
9
Ordering information .............................................................26
Revision history .......................................................................27
STEF12S
Contents
DS13002 - Rev 5
page 28/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com