Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR1670CT Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # MBR1670CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MBR1670CT Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  MBR1670CT Datasheet HTML 1Page - Lite-On Technology Corporation MBR1670CT Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
LI
M
NA
R
Y
NOTES : 1. 300us Pulse Width, 2% Duty Cycle.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal Resistance Junction to Case.
MBR1670CT thru 16100CT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
FEATURES
Metal of silicon rectifier,majority carrier conducton
Guard ring for transient protection
Low power loss, high efficiency
High current capability, low VF
High surge capacity
Plastic package has UL flammability classification 94V-0
For use in low voltage,high frequency inverters,free
whelling,and polarity protection applications
MECHANICAL DATA
Case : TO-220AB molded plastic
Polarity : As marked on the body
Weight : 0.08 ounces, 2.24 grams
Mounting position : Any
TO-220AB
All Dimensions in millimeter
TO-220AB
DIM.
MIN.
MAX.
A
C
D
E
F
G
H
B
14.22
15.88
10.67
9.65
2.54
3.43
6.86
5.84
8.26
9.28
-
6.35
12.70
14.73
0.51
2.79
N
M
L
K
J
I
1.14
2.29
0.64
0.30
3.53
4.09
3.56
4.83
1.14
1.40
2.92
2.03
PIN 1
PIN 3
PIN 2
CASE
A
B
C
K
J
I
H
G
F
E
D
N
M
L
H
PIN
13
2
SCHOTTKY BARRIER RECTIFIERS
REVERSE VOLTAGE - 70 to 100 Volts
FORWARD CURRENT - 16 Amperes
16
125
10000
MBR1670CT
70
49
70
MBR16100CT
100
70
100
MBR1690CT
90
63
90
MBR1680CT
80
56
80
VRMS
VDC
VRRM
I(AV)
IFSM
Peak Forward Surge Current
8.3ms single half sine-wave
superimposed on rated load (JEDEC METHOD)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
TJ
Operating Temperature Range
C
TSTG
Storage Temperature Range
C
Typical Thermal Resistance (Note 3)
R0JC
C/W
CJ
Typical Junction Capacitance,
per element (Note 2)
pF
IR
Maximum DC Reverse Current
at Rated DC Blocking Voltage
@TJ =25 C
@TJ =125 C
mA
A
A
V
UNIT
V
V
CHARACTERISTICS
SYMBOL
VF
Maximum Forward
Voltage, (Note 1)
V
Voltage Rate of Change (Rated VR)
@IF=8A
@IF=8A
@IF=16A
@IF=16A
dv/dt
Maximum Average Forward RectifiedCurrent
at TC=100 C (See Fig.1)
TJ =25 C
TJ =125 C
TJ =25 C
TJ =125 C
-55 to +150
-55 to +175
2.0
0.1
100
0.85
0.75
0.95
0.85
275
V/us
SEMICONDUCTOR
LITE-ON
REV. 2-PRE, 13-Sep-2001, KTHC14


Similar Part No. - MBR1670CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
MBR1670CT SIRECTIFIER-MBR1670CT Datasheet
101Kb / 2P
Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBR1670CT KERSEMI-MBR1670CT Datasheet
111Kb / 2P
Maximum Average Forward Rectified Current @TC=100 C
logo
Microdiode Semiconducto...
MBR1670CT CHENDA-MBR1670CT Datasheet
585Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
MBR1670CT SIRECTIFIER-MBR1670CT Datasheet
91Kb / 2P
High Tjm Low IRRM Schottky Barrier Diodes
logo
Shanghai Shunye Electro...
MBR1670CT SHUNYE-MBR1670CT Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
V2.22
More results

Similar Description - MBR1670CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com