Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C550EBAA Datasheet(PDF) 11 Page - NXP Semiconductors

Part # P87C550EBAA
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C550EBAA Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button P87C550EBAA Datasheet HTML 7Page - NXP Semiconductors P87C550EBAA Datasheet HTML 8Page - NXP Semiconductors P87C550EBAA Datasheet HTML 9Page - NXP Semiconductors P87C550EBAA Datasheet HTML 10Page - NXP Semiconductors P87C550EBAA Datasheet HTML 11Page - NXP Semiconductors P87C550EBAA Datasheet HTML 12Page - NXP Semiconductors P87C550EBAA Datasheet HTML 13Page - NXP Semiconductors P87C550EBAA Datasheet HTML 14Page - NXP Semiconductors P87C550EBAA Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Philips Semiconductors
Product specification
80C550/83C550/87C550
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
11
A very specific sequence of events must take place to feed the
watchdog timer; it cannot be fed accidentally by a runaway program.
The following routines demonstrate setting up and feeding the
watchdog timer. These routines apply to all versions of the 8XC550
except the ROM part when running from internal program memory.
This routine sets up and starts the watchdog timer. This is not
necessary for internal ROM operation, because setup of the
watchdog timer on masked ROM parts is accomplished directly via
ROM mask options.
SetWD: MOV
WDL,#0FFh
;Set watchdog reload value.
MOV
WDCON,#0E5;Set up timer prescaler, mode, and
;run bits.
ACALL FeedWD
;Start watchdog with a feed
;operation.
RET
This routine executes a watchdog timer feed operation, causing the
timer to reload from WDL. Interrupts must be disabled during this
operation due to the fact that the two feed registers must be loaded
on consecutive instruction cycles, or a system reset will occur
immediately.
FeedWD: CLR EA
;This sequence must not be
;interrupted.
MOV WFEED1,#0A5h;First instruction of feed sequence.
MOV WFEED2,#05Ah;Second instruction of feed
;sequence.
SETB EA
;Turn interrupts back on.
RET
An interrupt is available to allow the watchdog timer to be used as a
general purpose timer in applications where the watchdog function is
not needed. The timer operates in the same manner when used as a
general purpose timer except that the timer interrupt is generated on
timer underflow instead of a chip reset. Refer to the 87C550 data
sheet for additional information on watchdog timer operation.
Programming the Watchdog Timer
Both the EPROM and ROM devices have a set of SFRs for holding
the watchdog autoload values and the control bits. The watchdog
time-out flag is present in the watchdog control register and
operates the same in all versions. In the EPROM device, the
watchdog parameters (autoload value and control) are always taken
from the SFRs. In the ROM device, the watchdog parameters can
be mask programmed or taken from the SFRs. The selection to take
the watchdog parameters from the SFRs or from the mask
programmed values is controlled by EA (external access). When EA
is high (internal ROM access), the watchdog parameters are taken
from the mask programmed values. If the watchdog is masked
programmed to the timer mode, then the autoload values and the
pre-scaler taps are taken from the SFRs. When EA is low (external
access), the watchdog parameters are taken from the SFRs. The
user should be able to leave code in his program which initializes
the watchdog SFRs even though he has migrated to the mask ROM
part. This allows no code changes from EPROM prototyping to ROM
coded production parts.
Watchdog Detailed Operation
EPROM Device (and ROMless Operation: EA = 0)
In the ROMless operation (ROM part, EA = 0) and in the EPROM
device, the watchdog operates in the following manner.
Whether the watchdog is in the watchdog or timer mode, when
external RESET is applied, the following takes place:
– Watchdog mode bit set to timer mode.
– Watchdog run control bit set to OFF.
– Autoload register set to FF (max count).
– Watchdog time-out flag cleared.
– Prescaler is cleared.
– Prescaler tap set to the highest divide.
– Autoload takes place.
The watchdog can be fed even though it is in the timer mode.
Note that the operational concept is for the watchdog mode of
operation, when coming out of a hardware reset, the software
should load the autoload registers, set the mode to watchdog, and
then feed the watchdog (cause an autoload). The watchdog will now
be starting at a known point.
If the watchdog is in the watchdog mode and running and happens
to underflow at the time the external RESET is applied, the
watchdog time-out flag will be cleared.
When the watchdog is in the watchdog mode and the watchdog
underflows, the following action takes place:
– Autoload takes place.
– Watchdog time-out flag is set
– Timer mode interrupt flag unchanged.
– Mode bit unchanged.
– Watchdog run bit unchanged.
– Autoload register unchanged.
– Prescaler tap unchanged.
– All other device action same as external reset.
Note that if the watchdog underflows, the program counter will start
from 00H as in the case of an external reset. The watchdog time-out
flag can be examined to determine if the watchdog has caused the
reset condition. The watchdog time-out flag bit can be cleared by
software.
When the watchdog is in the timer mode and the timer software
underflows, the following action takes place:
– Autoload takes place.
– Watchdog time-out flag is set
– Mode bit unchanged.
– Watchdog run bit unchanged.
– Autoload register unchanged.
– Prescaler tap unchanged.
The timer mode interrupt flag is cleared when the interrupt routine is
invoked. This bit can also be cleared directly by software without a
software feed operation.
Mask ROM Device (EA = 1)
In the mask ROM device, the watchdog mode bit (WDMOD) is mask
programmed and the bit in the watchdog command register is read
only and reflects the mask programmed selection. If the mask
programmed mode bit selects the timer mode, then the watchdog
run bit (WDRUN) operates as described under EPROM Device. If
the mask programmed bit selects the watchdog mode, then the
watchdog run bit has no effect on the timer operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com