Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C550EBAA Datasheet(PDF) 14 Page - NXP Semiconductors

Part # P87C550EBAA
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C550EBAA Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button P87C550EBAA Datasheet HTML 10Page - NXP Semiconductors P87C550EBAA Datasheet HTML 11Page - NXP Semiconductors P87C550EBAA Datasheet HTML 12Page - NXP Semiconductors P87C550EBAA Datasheet HTML 13Page - NXP Semiconductors P87C550EBAA Datasheet HTML 14Page - NXP Semiconductors P87C550EBAA Datasheet HTML 15Page - NXP Semiconductors P87C550EBAA Datasheet HTML 16Page - NXP Semiconductors P87C550EBAA Datasheet HTML 17Page - NXP Semiconductors P87C550EBAA Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Philips Semiconductors
Product specification
80C550/83C550/87C550
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
14
DESIGN CONSIDERATIONS
At power-on, the voltage on VCC and RST must come up at the
same time for a proper start-up.
When the idle mode is terminated by a hardware reset, the device
normally resumes program execution, from where it left off, up to
two machine cycles before the internal reset algorithm takes control.
On-chip hardware inhibits access to internal RAM in this event, but
access to the port pins is not inhibited. To eliminate the possibility of
an unexpected write when idle is terminated by reset, the instruction
following the one that invokes idle should not be one that writes to a
port pin or to external memory. Table 2 shows the state of I/O ports
during low current operating modes.
Encryption Table
The encryption table is a feature of the 83C550 and 87C550 that
protects the code from being easily read by anyone other than the
programmer. The encryption table is 32 bytes of code that are
exclusive NORed with the program code data as it is read out. The
first byte is XNORed with the first location read, the second with the
second read, etc.
After the encryption table has been programmed, the user has to
know its contents in order to correctly decode the program code
data. The encryption table itself cannot be read out.
For the EPROM (87C550) part, the encryption table is programmed
in the same manner as the program memory, but using the “Pgm
Encryption Table” levels specified in Table 4. After the encryption
table is programmed, verification cycles will produce only encrypted
information.
For the ROM part (83C550) the encryption table information is
submitted with the ROM code as shown in Table 3.
Security Bits
There are two security bits on the 83C550 and 87C550 that, when
set, prevent the program data memory from being read out or
programmed further.
After the first security bit is programmed, the external MOVC
instruction is disabled, and for the 87C550, further programming of
the code memory or the encryption table is disabled. The other
security bit can of course still be programmed. With only security bit
one programmed, the memory can still be read out for program
verification. After the second security bit is programmed, it is no
longer possible to read out (verify) the program memory.
To program the security bits for the 87C550, repeat the
programming sequence using the “Pgm Security Bit” levels specified
in Table 4. For the masked ROM 83C550 the security bit information
is submitted with the ROM code as shown in Table 3.
ROM Code Submission
When submitting a ROM code for the 83C550, the following must be
specified:
1. The 4k byte user ROM program.
2. The 32 byte ROM encryption key.
3. The ROM security bits.
4. The watchdog timer parameters.
This information can be submitted in an EPROM (2764) or hex file
with the format specified in Table 3.
Table 2. External Pin Status During Idle and Power-Down Modes
MODE
PROGRAM MEMORY
ALE
PSEN
PORT 0
PORT 1
PORT 2
PORT 3
Idle
Internal
1
1
Data
Data
Data
Data
Idle
External
1
1
Float
Data
Address
Data
Power-down
Internal
0
0
Data
Data
Data
Data
Power-down
External
0
0
Float
Data
Data
Data
Table 3. ROM Code Submittal Requirements
ADDRESS
CONTENT
BIT(s)
COMMENT
0000H to 0FFFH
Data
7:0
User ROM data
1000H to 101FH
Key
7:0
ROM encryption key; FFH = no encryption
1020H
Security bit
0
ROM security bit 1
1020H
Security bit
1
ROM security bit 2
0 = enable security feature
1 = disable security feature
1030H
WDCON1
7:5
PRE2:0
1030H
WDCON1
4
Not used
1030H
WDCON1
3
Not used
1030H
WDCON1
2
WDRUN = 0, not ROM coded
1030H
WDCON1
1
WDTOF = 0, not ROM coded
1030H
WDCON1
0
WDMOD
1031H
Not used
1032H
WD
7:0
Watchdog autoload value
(see specification)
NOTE:
1. See Watchdog Timer Specification for definition of WDL and WDCON bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com