Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C550EBAA Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P87C550EBAA
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C550EBAA Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P87C550EBAA Datasheet HTML 13Page - NXP Semiconductors P87C550EBAA Datasheet HTML 14Page - NXP Semiconductors P87C550EBAA Datasheet HTML 15Page - NXP Semiconductors P87C550EBAA Datasheet HTML 16Page - NXP Semiconductors P87C550EBAA Datasheet HTML 17Page - NXP Semiconductors P87C550EBAA Datasheet HTML 18Page - NXP Semiconductors P87C550EBAA Datasheet HTML 19Page - NXP Semiconductors P87C550EBAA Datasheet HTML 20Page - NXP Semiconductors P87C550EBAA Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Philips Semiconductors
Product specification
80C550/83C550/87C550
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, 8 channel 8 bit A/D, watchdog timer
1998 May 01
17
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10% (87C550), VCC = 5V ±20% (80/83C550), VSS = 0V1, 2
16MHz CLOCK
VARIABLE CLOCK
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
5
Oscillator frequency: Speed Versions
S8XC550 Exx
3.5
16
MHz
tLHLL
5
ALE pulse width
85
2tCLCL–40
ns
tAVLL
5
Address valid to ALE low
7
tCLCL–55
ns
tLLAX
5
Address hold after ALE low
27
tCLCL–35
ns
tLLIV
5
ALE low to valid instruction in
150
4tCLCL–100
ns
tLLPL
5
ALE low to PSEN low
22
tCLCL–40
ns
tPLPH
5
PSEN pulse width
142
3tCLCL–45
ns
tPLIV
5
PSEN low to valid instruction in
82
3tCLCL–105
ns
tPXIX
5
Input instruction hold after PSEN
0
0
ns
tPXIZ
5
Input instruction float after PSEN
37
tCLCL–25
ns
tAVIV
5
Address to valid instruction in
207
5tCLCL–105
ns
tPLAZ
5
PSEN low to address float
10
10
ns
Data Memory
tRLRH
6, 7
RD pulse width
275
6tCLCL–100
ns
tWLWH
6, 7
WR pulse width
275
6tCLCL–100
ns
tRLDV
6, 7
RD low to valid data in
212
5tCLCL–165
ns
tRHDX
6, 7
Data hold after RD
0
0
ns
tRHDZ
6, 7
Data float after RD
55
2tCLCL–70
ns
tLLDV
6, 7
ALE low to valid data in
350
8tCLCL–150
ns
tAVDV
6, 7
Address to valid data in
397
9tCLCL–165
ns
tLLWL
6, 7
ALE low to RD or WR low
137
247
3tCLCL–50
3tCLCL+50
ns
tAVWL
6, 7
Address valid to WR low or RD low
120
4tCLCL–130
ns
tQVWX
6, 7
Data valid to WR transition
12
tCLCL–50
ns
tWHQX
6, 7
Data hold after WR
12
tCLCL–50
ns
tRLAZ
6, 7
RD low to address float
0
0
ns
tWHLH
6, 7
RD or WR high to ALE high
22
102
tCLCL–40
tCLCL+40
ns
External Clock
tCHCX
9
High time
20
20
ns
tCLCX
9
Low time
20
20
ns
tCLCH
9
Rise time
20
20
ns
tCHCL
9
Fall time
20
20
ns
Shift Register
tXLXL
8
Serial port clock cycle time
750
12tCLCL
ns
tQVXH
8
Output data setup to clock rising edge
492
10tCLCL–133
ns
tXHQX
8
Output data hold after clock rising edge
8
2tCLCL–117
ns
tXHDX
8
Input data hold after clock rising edge
0
0
ns
tXHDV
8
Clock rising edge to input data valid
492
10tCLCL–133
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100pF, load capacitance for all other outputs = 80pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com