Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTEC Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 1 Page - Renesas Technology Corp

  ERTEC Datasheet HTML 1Page - Renesas Technology Corp ERTEC Datasheet HTML 2Page - Renesas Technology Corp ERTEC Datasheet HTML 3Page - Renesas Technology Corp ERTEC Datasheet HTML 4Page - Renesas Technology Corp ERTEC Datasheet HTML 5Page - Renesas Technology Corp ERTEC Datasheet HTML 6Page - Renesas Technology Corp ERTEC Datasheet HTML 7Page - Renesas Technology Corp ERTEC Datasheet HTML 8Page - Renesas Technology Corp ERTEC Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Document No. A17989EE2V0DS00
Data Published: November 2009
ERTEC 200
Enhanced Real-Time Ethernet Controller
with 32-bit RISC CPU Core
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics sales representative
for availability and additional information.
© NEC Electronics Corporation 2009
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD800261
DESCRIPTION
ERTEC 200 is a powerful communication block for development of industrial Ethernet devices. ERTEC
200 contains a 32-bit RISC processor, an external memory interface with SDRAM and SRAM control-
ler, an LBU interface, a 2-channel real-time Ethernet interface with integrated PHYs, synchronous and
asynchronous serial ports, and general purpose I/Os. Its robust construction, specific automation func-
tions, and openness to the IT world are distinguishing features. The ERTEC 200 is housed in a 304-pin
plastic FBGA package (19 mm
× 19 mm).
Detailed functions are described in the following user’s manual. Be sure to read this manual
when you design your systems.
User’s Manual ERTEC 200
: A17988EE2V0UM00
•
ARM946E-S core with max. 150 MHz
- 8 kBytes of instruction cache
- 4 kBytes of data cache
- 4 kBytes of D-TCM
- Memory protection unit
- On-chip debug and trace functionality via
JTAG interface
- ETM9 embedded trace macrocell
- Interrupt controller for 16 IRQs and 8 FIQs
•
Internal Multilayer AHB bus running at 50 MHz
•
External memory interface (EMIF) supports up
to 128 MBytes of SDRAM and up to 64 MBytes
for static memories and I/O with 4 chip selects
•
Single-channel DMA controller for high-speed
memory-to-memory transfers and for serial
interface support
•
Integrated PLL to generate internal clocks for
ARM946E-S, AHB, APB and IRT switch
•
Predefined Boot ROM content supporting
different download sources
•
Local bus unit (LBU) with 16-bit data bus to
connect external host with access to internal
ERTEC 200 resources
•
IRT switch block with 2 Ethernet ports
(10/100 Mbps) supporting RT and IRT traffic
- integrated Ethernet PHYs
- autonegotiation, broadcast filter
- 64 kBytes internal communication SRAM
•
one UART (16550 like) and one SPI interface
•
two 32-bit timers with prescaler, one 16-bit
timer, one 32-bit F-timer and two watchdog
timers
•
Max. 45 GPIOs, partly usable as interrupts
- Max. 32 GPIOs, if LBU interface is used
•
Various configuration options selectable during
reset
•
1.5 V (logic) and 3.3 V (I/O) power supply
•
Temperature range: TA = -40 to 85°C
•
Compact 304-pin plastic FBGA package
ORDERING INFORMATION
Remark:
Products with -A at the end of the part number are lead-free products.
Device
Part Number
Package
ERTEC 200
µPD800261F1-816-HN2-A
P-FBGA304, 19
× 19 mm
FEATURES


Similar Part No. - ERTEC

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERT-00A ETA-USA-ERT-00A Datasheet
376Kb / 3P
30 WATT AC-DC CONVERTER
ERT-00B ETA-USA-ERT-00B Datasheet
373Kb / 3P
30 WATT AC-DC CONVERTER
logo
Panasonic Semiconductor
ERT-D2FFL400S PANASONIC-ERT-D2FFL400S Datasheet
695Kb / 5P
NTC Thermistors (Disc Type)
logo
ETA-USA
ERT-FWA ETA-USA-ERT-FWA Datasheet
482Kb / 3P
30 WATT AC-DC CONVERTER
ERT-FWB ETA-USA-ERT-FWB Datasheet
482Kb / 3P
30 WATT AC-DC CONVERTER
More results

Similar Description - ERTEC

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2930BR SONY-CXD2930BR Datasheet
249Kb / 25P
GPS LSI with Built-in 32-bit RISC CPU
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
32-bit ARM7TDMI RISC static CMOS CPU core
logo
RDC Semiconductor
R8610 RDC-R8610 Datasheet
92Kb / 6P
32 Bit RISC Micro Controller
logo
National Instruments Co...
NICFP-2020 NI-NICFP-2020 Datasheet
46Kb / 4P
LabVIEW Real-Time Controller Interfaces with Ethernet
logo
InnovASIC, Inc
FIDO1100 INNOVASIC-FIDO1100 Datasheet
1Mb / 74P
32-Bit Real-Time Communications Controller
logo
Texas Instruments
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
32-bit RXv2 CPU core
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
32-bit RXv2 CPU core
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
32-bit RISC CPU
logo
NXP Semiconductors
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com