Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTEC Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 20Page - Renesas Technology Corp ERTEC Datasheet HTML 21Page - Renesas Technology Corp ERTEC Datasheet HTML 22Page - Renesas Technology Corp ERTEC Datasheet HTML 23Page - Renesas Technology Corp ERTEC Datasheet HTML 24Page - Renesas Technology Corp ERTEC Datasheet HTML 25Page - Renesas Technology Corp ERTEC Datasheet HTML 26Page - Renesas Technology Corp ERTEC Datasheet HTML 27Page - Renesas Technology Corp ERTEC Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
24
Data Sheet A17989EE2V0DS00
µPD800261
1.2 Pin Characteristics
Table 1-14:
Pin Characteristics (1/2)
Pin Name
I/O
Input type
Output type
Internal pull
up/down
Drive capability
IOH
IOL
A23
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
A22
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull down
9 mA
9 mA
A21
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
A20
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull down
9 mA
9 mA
A(19:17)
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
A(16:15)
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull down
9 mA
9 mA
A(14:0)
O
-
3.3 V CMOS
-
9 mA
9 mA
D(31:0)
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
WR_N
O
-
3.3 V CMOS
-
9 mA
9 mA
RD_N
O
-
3.3 V CMOS
-
9 mA
9 mA
CLK_SDRAM
O
-
3.3 V CMOS
-
9 mA
9 mA
CS_SDRAM_N
O
-
3.3 V CMOS
-
9 mA
9 mA
RAS_SDRAM_N
O
-
3.3 V CMOS
-
9 mA
9 mA
CAS_SDRAM_N
O
-
3.3 V CMOS
-
9 mA
9 mA
WE_SDRAM_N
O
-
3.3 V CMOS
-
9 mA
9 mA
CS_PER(3:0)_N
O
-
3.3 V CMOS
-
6 mA
6 mA
BE(3:0)_DQM(3:0)_N
O
-
3.3 V CMOS
-
9 mA
9 mA
RDY_PER_N
I
Schmitt
-
50 k
Ω pull up
-
-
DTR_N
I/ONote 1
SchmittNote 1
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
OE_DRIVER_N
O
-
3.3 V CMOS
-
9 mA
9 mA
LBU_A(20:0)Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_D(15:0) Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
LBU_WR_N Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_RD_N Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_BE(1:0)_NNote 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_SEG_(1:0) Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_IRQ_(1:0)_N Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_RDY_N Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_CS_M_N Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
LBU_CS_R_N Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
GPIO(31:30) Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
GPIO(29:27) Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
24 mA
24 mA
GPIO(26:8) Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
6 mA
6 mA
GPIO(7:0) Note 2
I/O
Schmitt
3.3 V CMOS
50 k
Ω pull up
9 mA
9 mA
CLKP_A
I
Osc. in
-
-
-
-
CLKP_B
O
-
Osc. out
-
6 mA
6 mA
TRACECLK
O
-
3.3 V CMOS
-
18 mA
18 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com