Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERTEC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ERTEC
Description  Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ERTEC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ERTEC Datasheet HTML 9Page - Renesas Technology Corp ERTEC Datasheet HTML 10Page - Renesas Technology Corp ERTEC Datasheet HTML 11Page - Renesas Technology Corp ERTEC Datasheet HTML 12Page - Renesas Technology Corp ERTEC Datasheet HTML 13Page - Renesas Technology Corp ERTEC Datasheet HTML 14Page - Renesas Technology Corp ERTEC Datasheet HTML 15Page - Renesas Technology Corp ERTEC Datasheet HTML 16Page - Renesas Technology Corp ERTEC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
13
Data Sheet A17989EE2V0DS00
µPD800261
1.
Pin Functions
1.1 List of Pin Functions
Table 1-1:
External Memory Interface Pin Functions
Pin Name
I/O
Function
Alternate Function
A(23:18)
I/ONote
External memory address bus (23:18)
CONFIG(6:1)Note
A(17:15)
I/ONote
External memory address bus (17:15)
BOOT(3:1)Note
A(14:0)
O
External memory address bus (14:0)
-
D(31:0)
I/O
External memory data bus (31:0)
-
WR_N
O
Write strobe signal
-
RD_N
O
Read strobe signal
-
CLK_SDRAM
O
Clock to SDRAM
-
CS_SDRAM_N
O
Chip select to SDRAM
-
RAS_SDRAM_N
O
Row address strobe to SDRAM
-
CAS_SDRAM_N
O
Column address strobe to SDRAM
-
WE_SDRAM_N
O
RD/WR signal to SDRAM
-
CS_PER(3:0)_N
O
Chip select to static memories and peripherals
-
BE(3:0)_DQM(3:0)_N
O
Byte enable signal
-
RDY_PER_N
I
Ready signal
-
DTR_N
I/ONote
Direction signal for external driver or scan clock
BOOT0Note
OE_DRIVER_N
O
Enable signal for external driver or scan clock
-
Note: The BOOT(3:0) and CONFIG(6:1) pins are used as inputs and read into the BOOT_REG respectively
CONFIG_REG system configuration registers during the active Power On reset phase. After a reset,
these pins are available as normal function pins and used as outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com