Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C751 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 83C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C751 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 83C751 Datasheet HTML 2Page - NXP Semiconductors 83C751 Datasheet HTML 3Page - NXP Semiconductors 83C751 Datasheet HTML 4Page - NXP Semiconductors 83C751 Datasheet HTML 5Page - NXP Semiconductors 83C751 Datasheet HTML 6Page - NXP Semiconductors 83C751 Datasheet HTML 7Page - NXP Semiconductors 83C751 Datasheet HTML 8Page - NXP Semiconductors 83C751 Datasheet HTML 9Page - NXP Semiconductors 83C751 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
6
ABSOLUTE MAXIMUM RATINGS1, 2
PARAMETER
RATING
UNIT
Storage temperature range
–65 to +150
°C
Voltage from VCC to VSS
–0.5 to +6.5
V
Voltage from any pin to VSS (except VPP)
–0.5 to VCC + 0.5
V
Power dissipation
1.0
W
Voltage on VPP pin to VSS
0 to +13.0
V
Maximum IOL per I/O pin
10
mA
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5V ±10% for 87C751, VCC = 5V ±10% for 83C751, VSS = 0V1
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage, except SDA, SCL
–0.5
0.2VDD–0.1
V
VIH
Input high voltage, except X1, RST
0.2VCC+0.9
VCC+0.5
V
VIH1
Input high voltage, X1, RST
0.7VCC
VCC+0.5
V
SDA, SCL, P0.2
VIL1
Input low voltage
–0.5
0.3VCC
V
VIH2
Input high voltage
0.7VCC
VCC+0.5
V
VOL
Output low voltage, ports 1 and 3
IOL = 1.6mA2
0.45
V
VOL1
Output low voltage, port 0.2
IOL = 3.2mA2
0.45
V
VOH
Output high voltage, ports 1 and 3
IOH = –60µA
2.4
V
IOH = –25µA
0.75VCC
V
IOH = –10µA
0.9VCC
V
Port 0.0 and 0.1 (I2C) – Drivers
VOL2
Output low voltage
IOL = 3mA
0.4
V
Driver, receiver combined:
(over VCC range)
C
Capacitance
10
pF
IIL
Logical 0 input current, ports 1 and 3
VIN = 0.45V
–50
µA
ITL
Logical 1 to 0 transition current, ports 1 and 33
VIN = 2V (0 to 70°C)
VIN = 2V (–40 to +85°C)
–650
–750
µA
µA
ILI
Input leakage current, port 0
0.45 < VIN < VCC
±10
µA
RRST
Internal pull-down resistor
25
175
k
Ω
CIO
Pin capacitance
Test freq = 1MHz,
Tamb = 25°C
10
pF
IPD
Power-down current4
VCC = 2 to VCC max
50
µA
VPP
VPP program voltage (for 87C751 only)
VSS = 0V
VCC = 5V±10%
Tamb = 21°C to 27°C
12.5
13.0
V
IPP
Program current (for 87C751 only)
VPP = 13.0V
50
mA
ICC
Supply current (see Figure 2)
NOTES TO DC ELECTRICAL CHARACTERISTICS ON NEXT PAGE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com