Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C751 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 83C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C751 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 83C751 Datasheet HTML 12Page - NXP Semiconductors 83C751 Datasheet HTML 13Page - NXP Semiconductors 83C751 Datasheet HTML 14Page - NXP Semiconductors 83C751 Datasheet HTML 15Page - NXP Semiconductors 83C751 Datasheet HTML 16Page - NXP Semiconductors 83C751 Datasheet HTML 17Page - NXP Semiconductors 83C751 Datasheet HTML 18Page - NXP Semiconductors 83C751 Datasheet HTML 19Page - NXP Semiconductors 83C751 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
16
Table 4.
Interaction of TIRUN with SLAVEN, MASTRQ, and MASTER
SLAVEN,
MASTRQ,
MASTER
TIRUN
OPERATING MODE
All 0
0
The I2C interface is disabled. Timer I is cleared and does not run. This is the state assumed after a reset. If an I2C
application wants to ignore the I2C at certain times, it should write SLAVEN, MASTRQ, and TIRUN all to zero.
All 0
1
The I2C interface is disabled. Timer I operates as a free-running time base. Use this mode only in non-I2C
applications.
Any or all 1
0
The I2C interface is enabled. The 3 low-order bits of Timer I run for min-time generation, but the hi-order bits do
not, so that there is no checking for I2C being “hung.” This configuration can be used for very slow I2C operation.
Any or all 1
1
The I2C interface is enabled. Timer I runs during frames on the I2C, and is cleared by transitions on SCL, and by
Start and Stop conditions. This is the normal state for I2C operation.
Table 5.
CT1, CT0 Values
CT1, CT0
OSC/12 COUNT
fOSC MAX
TIMEOUT PERIOD
10
7
16.8MHz
1023 cycles
01
6
14.4MHz
1022 cycles
00
5
12.0MHz
1021 cycles
11
4
9.6MHz
1020 cycles
I2C Register I2STA
READ ONLY
76
54
3
2
1
0
–
IDLE
XDATA
XACTV
MAKSTR
MAKSTP
XSTR
XSTP
MSB
LSB
This register is read only and reflects the internal status of the I2C
hardware. IDLE, XSTR, and XSTP reflect the status of the like
named bits in the I2CON register.
XDATA
The content of the transmitter buffer.
XACTV
Transmitter active.
MAKSTR This bit is high while the hardware is effecting a start
condition.
MAKSTP This bit is high while the hardware is effecting a stop
condition.
XSTR
This bit is active while the hardware is effecting a
repeated start condition.
XSTP
This bit is active while the hardware is effecting a
repeated stop condition.
Interrupts
The interrupt structure is a five-source, one-level interrupt system.
Interrupt sources common to the 80C51 are the external interrupts
(INT0, INT1) and the timer/counter interrupt (ET0). The I2C interrupt
(EI2) and Timer I interrupt (ETI) are the other two interrupt sources.
The interrupt sources are listed below in their order of polling
sequence priority.
Upon interrupt or reset the program counter is loaded with specific
values for the appropriate interrupt service routine in program
memory. These values are:
Program Memory
Event
Address
Priority
Reset
000
Highest
INT0
003
Counter/Timer 0
00B
INT1
013
Timer I
01B
I2C
023
Lowest
The interrupt enable register (IE) is used to individually enable or
disable the five sources. Bit EA in the interrupt enable register can
be used to globally enable or disable all interrupt sources. The
interrupt enable register is described below. All other interrupt details
are based on the 80C51 interrupt architecture.
Interrupt Enable Register
76
54
32
10
EA
X
X
EI2
ETI
EX1
ET0
EX0
Symbol Position
Function
EA
IE.7
Disables all interrupts. If EA = 0, no interrupt
will be acknowledged. If EA = 1, each interrupt
source is individually enabled or disabled by
setting or clearing its enable bit
–
IE.6
Reserved
–
IE.5
Reserved
EI2
IE.4
Enables or disables the I2C interrupt.
If EI2 = 0, the I2C interrupt is disabled
ETI
IE.3
Enables or disables the Timer I overflow
interrupt. If ETI = 0, the Timer I interrupt is
disabled.
EX1
IE.2
Enables or disables external interrupt 1.
If EX1 = 0, external interrupt 1 is disabled.
ET0
IE.1
Enables or disables the Timer 0 overflow
interrupt. If ET0 = 0, theTimer 0 interrupt is
disabled.
EX0
IE.0
Enables or disables external interrupt 0.
If EX0 = 0, external interrupt 0 is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com