Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C751 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 83C751
Description  80C51 8-bit microcontroller family 2K/64 OTP/ROM, I2C, low pin count
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

83C751 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 83C751 Datasheet HTML 6Page - NXP Semiconductors 83C751 Datasheet HTML 7Page - NXP Semiconductors 83C751 Datasheet HTML 8Page - NXP Semiconductors 83C751 Datasheet HTML 9Page - NXP Semiconductors 83C751 Datasheet HTML 10Page - NXP Semiconductors 83C751 Datasheet HTML 11Page - NXP Semiconductors 83C751 Datasheet HTML 12Page - NXP Semiconductors 83C751 Datasheet HTML 13Page - NXP Semiconductors 83C751 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Philips Semiconductors
Product specification
83C751/87C751
80C51 8-bit microcontroller family
2K/64 OTP/ROM, I2C, low pin count
1998 May 01
10
Special Function Register – Interrupt Subsystem
Because the interrupt structure is single level on the 83C751, there
is no need for the IP SFR, so it is not used.
Serial Communications
The 8XC751 contains an I2C serial communications port instead of
the 80C51 UART. The I2C serial port is a single bit hardware
interface with all of the hardware necessary to support multimaster
and slave operations. Also included are receiver digital filters and
timer (timer I) for communication watch-dog purposes. The I2C
serial port is controlled through four special function registers; I2C
control, I2C data, I2C status, and I2C configuration.
Special Function Register –
Serial Communications
The 83C751 contains many of the special function registers (SFR)
that are found on the 80C51. Due to the different peripheral features
on the 83C751, there are several additional SFRs and several that
have been changed.
Since the standard UART found on the 80C51 has been replaced by
the I2C serial interface, the UART SFRs, SCON, and SBUF have
been replaced by I2CON and I2DAT, and two additional I2C registers
have been added (I2STA and I2CFG).
I/O Port Latches (P0, P1, P3)
The port latches function the same as those on the 80C51. Since
there is no port 2 on the 83C751, the P2 latch is not used. Port 0 on
the 83C751 has only 3 bits, so only 3 bits of the P0 SFR have a
useful function.
Special Function Register – I/O Port Latches
There is no Port2 on the 8XC751, so P2 is not used. Also, only 3
bits of P0 SFR have a useful function.
Data Pointer (DPTR)
The data pointer (DPTR) consists of a high byte (DPH) and a low
byte (DPL). In the 80C51 this register allows the access of external
data memory using the MOVX instruction. Since the 83C751 does
not support MOVX or external memory accesses, this register is
generally used as a 16-bit offset pointer of the accumulator in a
MOVC instruction. DPTR may also be manipulated as two
independent 8-bit registers.
Table 2. I2C Special Function Register Addresses
REGISTER ADDRESS
BIT ADDRESS
NAME
SYMBOL
ADDRESS
MSB
LSB
I2C control
I2CON
98
9F
9E
9D
9C
9B
9A
99
98
I2C data
I2DAT
99
–
–
–
–
–
–
–
–
I2C configuration
I2CFG
D8
DF
DE
DD
DC
DB
DA
D9
D8
I2C status
I2STA
F8
FF
FE
FD
FC
FB
FA
F9
F8
ROM CODE SUBMISSION
When submitting ROM code for the 80C751, the following must be specified:
1. 2k byte user ROM data
ADDRESS
CONTENT
BIT(S)
COMMENT
0000H to 07FFH
DATA
7:0
User ROM Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com