Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329BYLF Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS84329BYLF Datasheet HTML 1Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 2Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 3Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 4Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 5Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 6Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 7Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 8Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATA SHEET
700MHZ, Low Jitter, Crystal-to-3.3V
LVPECL Frequency Synthesizer
84329B
84329B REVISION B 07/29/14
1
©2014 Integrated Device Technology, Inc.
General Description
The 84329B is a general purpose, single output high frequency
synthesizer. The VCO operates at a frequency range of 250MHz to
700MHz. The VCO frequency is programmed in steps equal to the
value of the crystal frequency divided by 16. The VCO and output
frequency can be programmed using the serial or parallel interfaces
to the configuration logic. The output can be configured to divide the
VCO frequency by 1, 2, 4, and 8. Output frequency steps as small as
125kHz to 1MHz can be achieved using a 16MHz crystal depending
on the output dividers.
Features
• Fully integrated PLL, no external loop filter requirements
• One differential 3.3V LVPECL output
• Parallel resonant crystal oscillator interface
• Output frequency range: 31.25MHz – 700MHz
• VCO range: 250MHz – 700MHz
• Parallel interface for programming counter and output dividers
during power-up
• Serial 3 wire interface
• RMS period jitter: 5.5ps (maximum)
• Cycle-to-cycle jitter: 35ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging
Block Diagram
Pin Assignments
FOUT
nFOUT
OSC
XTAL_IN
XTAL_OUT
S_LOAD
OE
S_DATA
S_CLOCK
nP_LOAD
M0:M8
N0:N1
VCO
PLL
TEST
CONFIGURATION
INTERFACE
LOGIC
÷M
÷16
PHASE DETECTOR
÷1
÷2
÷4
÷8
1
0
910 11 12 13 14 15 16
32 31 30
29 28
27 26 25
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
S_CLOCK
S_DATA
S_LOAD
VCCA
VCCA
nc
nc
XTAL_IN
nc
N1
N0
M8
M7
M6
M5
M4
84329B
32-Lead LQFP
7mm x 7mm x 1.4mm
package body
Y Package
Top View


Similar Part No. - ICS84329BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329BYLF ICST-ICS84329BYLF Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84329BYLFT ICST-ICS84329BYLFT Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results

Similar Description - ICS84329BYLF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS84329 ICST-ICS84329 Datasheet
279Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. D DECEMBER 15, 2004
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330C ICST-ICS84330C Datasheet
283Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
84329-01 IDT-84329-01_14 Datasheet
504Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com