Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329BYLF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 9Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 11Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 12Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 13Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 14Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 15Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 16Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
84329B DATA SHEET
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
13
REVISION B 07/29/14
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVPECL output driver circuit and termination are shown in Figure 7.
Figure 7. LVPECL Driver Circuit and Termination
To calculate worst case power dissipation into the load, use the following equations which assume a 50
 load, and a termination voltage of
VCC –2V.
•
For logic high, VOUT =VOH_MAX = VCC_MAX – 0.9V
(VCC_MAX –VOH_MAX)= 0.9V
•
For logic low, VOUT =VOL_MAX = VCC_MAX – 1.7V
(VCC_MAX –VOL_MAX)= 1.7V
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = [(VOH_MAX –(VCC_MAX – 2V))/RL]*(VCC_MAX –VOH_MAX)=[(2V–(VCC_MAX –VOH_MAX))/RL]*(VCC_MAX –VOH_MAX)=
[(2V – 0.9V)/50
] * 0.9V = 19.8mW
Pd_L = [(VOL_MAX –(VCC_MAX – 2V))/RL]*(VCC_MAX –VOL_MAX)=[(2V–(VCC_MAX –VOL_MAX))/RL] *(VCC_MAX –VOL_MAX)=
[(2V – 1.7V)/50
] * 1.7V = 10.2mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 30mW
V
OUT
V
CC
V
CC - 2V
Q1
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com