Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329BYLF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # ICS84329BYLF
Description  700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS84329BYLF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button ICS84329BYLF Datasheet HTML 10Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 11Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 12Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 13Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 14Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 15Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 16Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 17Page - Renesas Technology Corp ICS84329BYLF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
84329B DATA SHEET
REVISION B 07/29/14
14
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER
Reliability Information
Table 9. JA vs. Air Flow Table for a 32-Lead LQFP
Transistor Count
The transistor count for 84329B is: 4408
Pin compatible with the MC12429
JA vs. Air Flow
Linear Feet per Minute
0
200
500
Multi-Layer PCB, JEDEC Standard Test Boards
47.9°C/W
42.1°C/W
39.4°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com