Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC768 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC768 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 87LPC768 Datasheet HTML 9Page - NXP Semiconductors 87LPC768 Datasheet HTML 10Page - NXP Semiconductors 87LPC768 Datasheet HTML 11Page - NXP Semiconductors 87LPC768 Datasheet HTML 12Page - NXP Semiconductors 87LPC768 Datasheet HTML 13Page - NXP Semiconductors 87LPC768 Datasheet HTML 14Page - NXP Semiconductors 87LPC768 Datasheet HTML 15Page - NXP Semiconductors 87LPC768 Datasheet HTML 16Page - NXP Semiconductors 87LPC768 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
11
Table 2. Example A/D Conversion Times
CPU Clock Rate
RCCLK = 0
RCCLK = 1
CPU Clock Rate
RCCLK = 0
minimum
nominal
maximum
32 kHz
NA
563.4
µs
659
µs
757
µs
1 MHz
186
µs
32.4
µs
39.3
µs
48.9
µs
4 MHz
46.5
µs
18.9
µs
23.6
µs
30.1
µs
11.0592 MHz
16.8
µs
16
µs
20.2
µs
27.1
µs
12 MHz
15.5
µs
16 MHz
11.6
µs
20 MHz
9.3
µs
Note: Do not clock ADC from the RC oscillator when MCU clock is greater than 4 MHz.
AD0 (P0.3)
AD1 (P0.4)
VREF+ = VDD
AADR1
AD2 (P0.5)
AD3 (P0.6)
00
01
10
11
VREF- = VSS
ADCON
A/D Converter
AADR0
DAC0
(A/D result)
SU01356
Figure 3. A/D Converter Connections
The A/D in Power Down and Idle Modes
While using the CPU clock as the A/D clock source, the Idle mode
may be used to conserve power and/or to minimize system noise
during the conversion. CPU operation will resume and Idle mode
terminate automatically when a conversion is complete if the A/D
interrupt is active. In Idle mode, noise from the CPU itself is
eliminated, but noise from the oscillator and any other on-chip
peripherals that are running will remain.
The CPU may be put into Power Down mode when the A/D is
clocked by the on-chip RC oscillator (RCCLK=1). This mode gives
the best possible A/D accuracy by eliminating most on-chip noise
sources.
If the Power Down mode is entered while the A/D is running from the
CPU clock (RCCLK=0), the A/D will abort operation and will not
wake up the CPU. The contents of DAC0 will be invalid when
operation does resume.
When an A/D conversion is started, Power Down or Idle mode must
be activated within two machine cycles in order to have the most
accurate A/D result. These two machine cycles are counted at the
CPU clock rate. When using the A/D with either Power Down or Idle
mode, care must be taken to insure that the CPU is not restarted by
another interrupt until the A/D conversion is complete. The possible
causes of wakeup are different in Power Down and Idle modes.
A/D accuracy is also affected by noise generated elsewhere in the
application, power supply noise, and power supply regulation. Since
the 87LPC768 power pins are also used as the A/D reference and
supply, the power supply has a very direct affect on the accuracy of
A/D readings. Using the A/D without Power Down mode while the
clock is divided through the use of CLKR or DIVM has an adverse
effect on A/D accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com