Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC768 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # 87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC768 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button 87LPC768 Datasheet HTML 29Page - NXP Semiconductors 87LPC768 Datasheet HTML 30Page - NXP Semiconductors 87LPC768 Datasheet HTML 31Page - NXP Semiconductors 87LPC768 Datasheet HTML 32Page - NXP Semiconductors 87LPC768 Datasheet HTML 33Page - NXP Semiconductors 87LPC768 Datasheet HTML 34Page - NXP Semiconductors 87LPC768 Datasheet HTML 35Page - NXP Semiconductors 87LPC768 Datasheet HTML 36Page - NXP Semiconductors 87LPC768 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
31
SU01389
87LPC768
QUARTZ CRYSTAL OR
CERAMIC RESONATOR
X2
X1
THE OSCILLATOR MUST BE CONFIGURED IN ONE OF
THE FOLLOWING MODES:
– LOW FREQUENCY CRYSTAL
– MEDIUM FREQUENCY CRYSTAL
– HIGH FREQUENCY CRYSTAL
*
CAPACITOR VALUES MAY BE OPTIMIZED FOR
DIFFERENT OSCILLATOR FREQUENCIES (SEE TEXT)
A SERIES RESISTOR MAY BE REQUIRED IN ORDER TO
LIMIT CRYSTAL DRIVE LEVELS. THIS IS PARTICULARLY
IMPORTANT FOR LOW FREQUENCY CRYSTALS (SEE TEXT).
Figure 19. Using the Crystal Oscillator
SU01390
87LPC768
X2
X1
THE OSCILLATOR MUST BE CONFIGURED IN
THE EXTERNAL CLOCK INPUT MODE.
A CLOCK OUTPUT MAY BE OBTAINED ON
THE X2 PIN BY SETTING THE ENCLK BIT IN
THE P2M1 REGISTER.
CMOS COMPATIBLE EXTERNAL
OSCILLATOR SIGNAL
Figure 20. Using an External Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com