Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC768 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # 87LPC768
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC768 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button 87LPC768 Datasheet HTML 17Page - NXP Semiconductors 87LPC768 Datasheet HTML 18Page - NXP Semiconductors 87LPC768 Datasheet HTML 19Page - NXP Semiconductors 87LPC768 Datasheet HTML 20Page - NXP Semiconductors 87LPC768 Datasheet HTML 21Page - NXP Semiconductors 87LPC768 Datasheet HTML 22Page - NXP Semiconductors 87LPC768 Datasheet HTML 23Page - NXP Semiconductors 87LPC768 Datasheet HTML 24Page - NXP Semiconductors 87LPC768 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
19
• Poll PWMCON0 to find that Transfer Bit PWMCON0.6 is “0”.
When “0”:
• Write CNSW.(0:1) and CPSW.(0:4) for desired pulse widths and
counter reload values
• Set PWMCON0 to Run and Transfer
Note that if a narrow pulse on the Brake Pin causes brake to be
asserted, it may not be possible to go through the above code
before the end of the pulse. In this case, in addition to the code
shown, an external latch on the Brake Pin may be required to
ensure that there is a smooth transition in going from brake to run.
The details for PWMCON1 are shown in the following table.
PWMCON1: PWM Control register 1
Addr: 0DBH
Reset Value: 00H
BIT
SYMBOL
FUNCTION
PWMCON1.7
BKCH
See table below
PWMCON1.6
BKPS
0= ”Brake” is asserted if P0.2(Brake Pin) is low.
1= ”Brake” is asserted if P0.2(Brake Pin) is high.
PWMCON1.5
BPEN
See table below.
PWMCON1.4
BKEN
0= ”Brake” is never asserted.
1= ”Brake” is enabled per table below.
PWMCON1.3
PWM3B
0= PWM3 is low, when Brake is asserted.
1= PWM3 is high, when Brake is asserted.
PWMCON1.2
PWM2B
0= PWM2 is low, when Brake is asserted.
1= PWM2 is high, when Brake is asserted.
PWMCON1.1
PWM1B
0= PWM1 is low, when Brake is asserted.
1= PWM1 is high, when Brake is asserted.
PWMCON1.0
PWM0B
0= PWM0 is low, when Brake is asserted.
1= PWM0 is high, when Brake is asserted.
7
6
54
32
10
BKCH
BKPS
BPEN
BKEN
PWM3B
PWM2B
PWM1B
PWM0B
SU01388
BPEN
0
0
1
1
BKCH
0
1
0
1
BRAKE CONDITION
Always On, (Software Brake)
On when PWM not running (Brake Pin has no effect)
On when Brake Pin asserted (PWM run has no effect)
Not Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com