Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768FN Datasheet(PDF) 57 Page - NXP Semiconductors

Part # P87LPC768FN
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768FN Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button P87LPC768FN Datasheet HTML 53Page - NXP Semiconductors P87LPC768FN Datasheet HTML 54Page - NXP Semiconductors P87LPC768FN Datasheet HTML 55Page - NXP Semiconductors P87LPC768FN Datasheet HTML 56Page - NXP Semiconductors P87LPC768FN Datasheet HTML 57Page - NXP Semiconductors P87LPC768FN Datasheet HTML 58Page - NXP Semiconductors P87LPC768FN Datasheet HTML 59Page - NXP Semiconductors P87LPC768FN Datasheet HTML 60Page - NXP Semiconductors P87LPC768FN Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
55
COMPARATOR ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 6.0 V unless otherwise specified; Tamb = 0°C to +70°C or –40°C to +85°C, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Offset voltage comparator inputs1
±10
mV
VCR
Common mode range comparator inputs
0
VDD–0.3
V
CMRR
Common mode rejection ratio1
–50
dB
Response time
250
500
ns
Comparator enable to output valid
10
µs
IIL
Input leakage current, comparator
0 < VIN < VDD
±10
µA
NOTE:
1. This parameter is guaranteed by characterization, but not tested in production.
A/D CONVERTER DC ELECTRICAL CHARACTERISTICS
Vdd = 3.0V to 6.0V unless otherwise specified;
Tamb = 0 to +70
°C for commercial, -40°C to +85°C for industrial, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
AVIN
Analog input voltage
VSS - 0.2
VDD + 0.2
V
RREF
Resistance between VDD and VSS
A/D enabled
tbd
tbd
k
Ω
CIA
Analog input capacitance
15
pF
DLe
Differential non-linearity1,2,3
±1
LSB
ILe
Integral non-linearity1,4
±1
LSB
OSe
Offset error1,5
±2
LSB
Ge
Gain error1,6
±1
%
Ae
Absolute voltage error1,7
±1
LSB
MCTC
Channel-to-channel matching
±1
LSB
Ct
Crosstalk between inputs of port8
0 - 100kHz
-60
dB
-
Input slew rate
100
V/ms
-
Input source impedance
10
k
Ω
NOTES:
1. Conditions: VSS = 0V; VDD = 5.12V.
2. The A/D is monotonic, there are no missing codes
3. The differential non-linearity (DLe) is the difference between the actual step width and the ideal step width. See Figure 41.
4. The integral non-linearity (ILe) is the peak difference between the center of the steps of the actual and the ideal transfer curve after
appropriate adjustment of gain and offset errors. See Figure 41.
5. The offset error (OSe) is the absolute difference between the straight line which fits the actual transfer curve (after removing gain error), and
the straight line which fits the ideal transfer curve. See Figure 41.
6. The gain error (Ge) is the relative difference in percent between the straight line fitting the actual transfer curve (after removing offset error),
and the straight line which fits the ideal transfer curve. Gain error is constant at every point on the transfer curve. See Figure 41.
7. The absolute voltage error (Ae) is the maximum difference between the center of the steps of the actual transfer curve of the non-calibrated
ADC and the ideal transfer curve.
8. This should be considered when both analog and digital signals are input simultaneously to A/D pins.
9. Changing the input voltage faster than this may cause erroneous readings.
10. A source impedance higher than this driving an A/D input may result in loss of precision and erroneous readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com