Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768FN Datasheet(PDF) 59 Page - NXP Semiconductors

Part # P87LPC768FN
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768FN Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button P87LPC768FN Datasheet HTML 55Page - NXP Semiconductors P87LPC768FN Datasheet HTML 56Page - NXP Semiconductors P87LPC768FN Datasheet HTML 57Page - NXP Semiconductors P87LPC768FN Datasheet HTML 58Page - NXP Semiconductors P87LPC768FN Datasheet HTML 59Page - NXP Semiconductors P87LPC768FN Datasheet HTML 60Page - NXP Semiconductors P87LPC768FN Datasheet HTML 61Page - NXP Semiconductors P87LPC768FN Datasheet HTML 62Page - NXP Semiconductors P87LPC768FN Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
57
AC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C or –40°C to +85°C, VDD = 2.7 V to 6.0 V unless otherwise specified, VSS = 0 V1, 2, 3
SYMBOL
FIGURE
PARAMETER
LIMITS
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock
fC
43
Oscillator frequency (VDD = 4.5 V to 6.0 V)
0
20
MHz
fC
43
Oscillator frequency (VDD = 2.7 V to 6.0 V)
0
10
MHz
tC
43
Clock period and CPU timing cycle
1/fC
ns
tCHCX
43
Clock high-time4
20
ns
tCLCX
43
Clock low time4
20
ns
Shift Register
tXLXL
42
Serial port clock cycle time
6tC
ns
tQVXH
42
Output data setup to clock rising edge
5tC – 133
ns
tXHQX
42
Output data hold after clock rising edge
1tC – 80
ns
tXHDV
42
Input data setup to clock rising edge
5tC – 133
ns
tXHDX
42
Input data hold after clock rising edge
0
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for all outputs = 80 pF.
3. Parts are guaranteed to operate down to 0 Hz.
4. Applies only to an external clock source, not when a crystal is connected to the X1 and X2 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com