Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768FN Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P87LPC768FN
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768FN Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P87LPC768FN Datasheet HTML 16Page - NXP Semiconductors P87LPC768FN Datasheet HTML 17Page - NXP Semiconductors P87LPC768FN Datasheet HTML 18Page - NXP Semiconductors P87LPC768FN Datasheet HTML 19Page - NXP Semiconductors P87LPC768FN Datasheet HTML 20Page - NXP Semiconductors P87LPC768FN Datasheet HTML 21Page - NXP Semiconductors P87LPC768FN Datasheet HTML 22Page - NXP Semiconductors P87LPC768FN Datasheet HTML 23Page - NXP Semiconductors P87LPC768FN Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
18
state when Run is cleared the Compare registers can be written to
either the “always 1” or “always 0” so the output will have the output
desired when the counter is halted. After this PWMCON0 should be
written with the Transfer and Run bits are enabled. After this is
done PWMCON0 to is polled to find that the Transfer has taken
place. Once the transfer has occurred the Run bit in PWMCON0
can be cleared. The outputs will retain the state they had just prior
to the Run being cleared. If the Brake pin (see discussion below in
section concerning the operation of PWMCON1) is not used to
control the brake function, the “Brake when not running” function can
be used to cause the outputs to have a given state when the PWM
is halted. This approach should be used only in time critical
situations when there is not sufficient time to use the approach
outlined above since going from the Brake state to run without
causing an undefined state on the outputs is not straightforward. A
discussion on this topic is included in the section on PWMCON1.
PWMCON0: PWM Control register 0
Addr: 0DAH
Reset Value: 00H
BIT
SYMBOL
FUNCTION
PWMCON0.7
RUN
0= Counter Halted & Preset Value loaded. If Brake is asserted, PWMx output will be equal to the
value of the corresponding PWMxB bit (PWMCON1[3:0]). If Brake is not asserted, PWMx
output will be equal to the Value after compare
1= Counter run
PWMCON0.6
XFER
0= Counter & Compare shadow registers are not connected to the active registers
1= Shadow register contents transferred to active registers, at the next Counter underflow This bit
is auto–cleared by hardware after the data transfer from shadow to active registers
PWMCON0.5
PWM3I
0= PWM3 output is non–inverted. Output is a ‘1’ from the start of the cycle until compare; ’0’
thereafter.
1= PWM3 output is inverted. Output is a ‘0’ from the start of the cycle until compare; ’0’ thereafter.
PWMCON0.4
PWM2I
0= PWM2 output is non–inverted. Output is a ‘1’ from the start of the cycle until compare; ’0’
thereafter.
1= PWM2 output is inverted. Output is ‘0’ from the start of the cycle until compare; ’1’ thereafter.
PWMCON0.2
PWM1I
0= PWM1 output is non–inverted. Output is a ‘1’ from the start of the cycle until compare; ’0’
thereafter.
1= PWM1 output is inverted. Output is ‘0’ from the start of the cycle until compare; ’1’ thereafter.
PWMCON0.1
PWM0I
0= PWM0 output is non–inverted. Output is a ‘1’ from the start of the cycle until compare; ’0’
thereafter.
1= PWM0 output is inverted. Output is ‘0’ from the start of the cycle until compare; ’1’ thereafter.
7
6
54
32
10
RUN
XFER
PWM3I
PWM2I
–
PWM1I
PWM0I
–
SU01387
The Brake function, which is controlled by the contents of the
PWMCON1 register, is somewhat unique. In general when Brake is
asserted the four PWM outputs are forced to a user selected state,
namely the state selected by PWMCON1 bits 0 to 3.
As shown in the description of the operation of the PWMCON1
register if PWMCON1.4 is a “1” brake is asserted under the control
PWMCON1.7, BKCH, and PWMCON1.5, BPEN. As shown if both
are a “0” Brake is asserted. If PWMCON1.7 is a “1” brake is
asserted when the run bit, PWMCON0.7, is a “0.” If PWMCON1.6 is
a “1” brake is asserted when the Brake Pin, P0.2, has the same
polarity as PWMCON1.6. When brake is asserted in response to
this pin the RUN bit, PWMCON0.7, is automatically cleared. The
combination of both PWMCON1.7 and PWMCON1.5 being a “1” is
not allowed.
Since the Brake Pin being asserted will automatically clear the Run
bit, PWMCON0.7, the user program can poll this bit to determine
when the Brake Pin causes a brake to occur. The other method for
detecting a brake caused by the Brake Pin would be to tie the Brake
Pin to one of the external interrupt pins. This latter approach is
needed if the Brake signal can be of insufficient length to ensure
that it can be captured by a polling routine.
When, after being asserted, the condition causing the brake is
removed, the PWM outputs go to whatever state that had
immediately prior to the brake. This means that in order to go from
brake being asserted to having the PWM run without going through
an indeterminate state care must be taken. If the Brake Pin causes
brake to be asserted the following prototype code will allow the
PWM to go from brake to run smoothly.
• Rewrite PWMCON1 to change from Brake Pin enabled to S/W
Brake
• Write CPSW.(0:4) to always “1”, 11 h, or always “0” 00 h, to give
brake pattern
• Set PWMCON0 to enable Run and Transfer.
• Poll Brake Pin until it is no longer active. When no longer active:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com