Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 28Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 29Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 30Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 31Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 32Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 33Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 34Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
32 of 87
© 2022 Renesas Electronics
5.6.5
Mode Configuration
Set OPERATION_MODE according to the operating mode to be used. The device configuration flow
is different for each operating mode. Sections 5.6.5.1 to 5.6.5.5 explain how to set up and operate
the device in each of the operating modes.
5.6.5.1
Inactive Mode
In Inactive mode, DA7282 waits in a low-power state in between playback events. For more details
on power and latency trade-offs see Sections 5.2.1 and 5.2.3.
1. Set OPERATION_MODE = 0 for DA7282 to go to Inactive mode.
2. Configure STANDBY_EN to return to IDLE or STANDBY state after playback has finished.
5.6.5.2
Direct Register Override (DRO) Mode
Figure 13 shows how to operate the device in DRO mode.
1. Starting from either the IDLE or STANDBY state, write the initial drive amplitude of the haptic
sequence to OVERRIDE_VAL.
2. When ready to begin playback, set OPERATION_MODE = 1. The output will begin switching
after approximately 0.75 ms.
3. While in the DRIVE state, write to OVERRIDE_VAL to drive a new amplitude and create the
desired envelope of the haptic sequence. If OVERRIDE_VAL = 0 during the DRIVE state,
DA7282 will disable its output stage, but remain in a low latency-to-drive state and wait for further
updates to OVERRIDE_VAL.
4. To stop driving set OPERATION_MODE = 0. DA7282 returns to either the IDLE or STANDBY
state, depending on the value of STANDBY_EN.
Note: The allowable range of values written to OVERRIDE_VAL depends on whether
ACCELERATION_EN is set to 1 or 0. If ACCELERATION_EN = 1 then the usable range for
OVERRIDE_VAL is 0x00 to 0x7F. If ACCELERATION_EN = 0 then the usable range for
O
VERRIDE_VAL is 0x00 to 0xFF in two’s complement. For further explanation, see Figure 31 and
Figure 32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com