Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 36Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 37Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 38Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 39Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 40Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 41Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 42Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
39 of 87
© 2022 Renesas Electronics
Event Name
Description
Required Action
E_PWM_FAULT
PWM timeout
Restart PWM interface and write
1 to E_SEQ_FAULT to clear
All events are write 1 to clear and can be masked using IRQ_MASK1 and IRQ_MASK2. Some of the
sources generating E_ACTUATOR_FAULT can be disabled, for frequency tracking see Section 5.7.1
and for BEMF voltage amplitude see Section 5.7.14. For self-clearing of faults once in IDLE state,
see Section 5.7.7.
5.7
Advanced Operation
DA7282 features several advanced modes of operation to fine-tune actuator haptic performance.
5.7.1
Frequency Tracking
The closed-loop frequency tracking on DA7282 is implemented via a proportional-integral (PI)
controller. The proportional coefficient is stored in FRQ_PID_Kp_H/L and the integral coefficient in
FRQ_PID_Ki_H/L. The default values of the coefficients are optimized to cover a wide range of
actuators with typical settling times of approximately 40 ms from a 20 % frequency offset. If further
optimization is required to target a specific actuator the coefficients can be updated. The LRA tuning
tool in the DA7282 SmartCanvas GUI provides an intuitive and graphical way to easily adjust the Kp
and Ki coefficients.
To increase absolute accuracy of the lock during playback, DA7282 supports automatic scaling of the
frequency tracking controller proportional coefficient. This feature is enabled via
FREQ_TRACKING_AUTO_ADJ and becomes active after the device has achieved initial frequency
lock. The FRQ_LOCKED_LIM value is used to determine the threshold for the initial lock and can be
scaled up or down depending on system requirements. If optimizing FRQ_PID_K<x> coefficients with
the FREQ_TRACK_AUTO_ADJ enabled in normal operation, ensure that the closed loop is stable
for a step response when FREQ_TRACK_AUTO_ADJ is set at either 0 or 1.
The resonant frequency tracking algorithm converges to the correct value from up to 25 % offset
between the initial nominal datasheet value and the actual resonant frequency. This range is
conservative to prevent unwanted behavior. A fault triggers if the actuator resonant frequency is
outside the 50 Hz to 300 Hz range. To block these checks, set FREQ_TRACKING_FORCE_ON = 1.
FRQ_TRACK_BEMF_LIM disables the frequency tracking if the BEMF signal becomes too low. It
should always be set lower than the value in RAPID_STOP_LIM.
The instantaneous value of the resonant frequency period is updated every half-period and written to
LRA_PER_ACTUAL_H/L. The values can be converted to period using the following formula:
������������������ ������������������������������������ (������������) = 1333.32 × 10−9 × (128 × ������������������_������������������_������������������������������������_������ + ������������������_������������������_������������������������������������_������)
(10)
If more accurate information is required (for example if a frequency tracking enabled sequence is
played to determine the resonant frequency before entering wideband operation), the average
resonant frequency information over the last four half-periods is written to
LRA_PER_AVERAGE_H/L. The values can be converted to period using the following formula:
������������������ ������������������������������������ (������������) = 1333.32 × 10−9 × (128 × ������������������_������������������_������������������������������������������_������ + ������������������_������������������_������������������������������������������_������) (11)
5.7.2
Rapid Stop
The Rapid Stop algorithm relies on actuator BEMF sensing to detect actuator motion during a stop-
to-zero LRA acceleration. The algorithm provides a stopping signal to the LRA until the actuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com