Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 19Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 20Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 21Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 22Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 23Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 24Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
21 of 87
© 2022 Renesas Electronics
● Automatic over-temperature warning and shutdown capability.
● Low pad leakage current (typ. < 50 nA, for all pads combined).
● Low idle current from the VDDIO/EN pin (typ. 130 nA at 1.8 V).
● I2C operation down to VDDIO = 1.35 V.
● Output PWM frequency, at 187.5 kHz, is 167.5 kHz away from the audio band and at a non-audio
sample rate multiple. This prevents audible fold back via supply disturbance common in near-
audio-band switching haptic drivers.
● Easy to use Dialog SmartCanvas™ GUI with a user tab for fast device setup without the need to
directly interact with registers and an intuitive graphical environment for Waveform Memory
editing and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com