Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 32Page - Renesas Technology Corp DA9213 Datasheet HTML 33Page - Renesas Technology Corp DA9213 Datasheet HTML 34Page - Renesas Technology Corp DA9213 Datasheet HTML 35Page - Renesas Technology Corp DA9213 Datasheet HTML 36Page - Renesas Technology Corp DA9213 Datasheet HTML 37Page - Renesas Technology Corp DA9213 Datasheet HTML 38Page - Renesas Technology Corp DA9213 Datasheet HTML 39Page - Renesas Technology Corp DA9213 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
36 of 62
© 2022 Renesas Electronics
The communication on the 2-WIRE bus always takes place between two devices, one acting as the
master and the other as the slave. The DA9213, DA9214, and DA9215 will only operate as a SLAVE.
In contrast to the 4-WIRE mode, the 2-WIRE interface has direct access to two pages of the register
map (up to 256 addresses). The register at address zero on each page is used as a page control
register (with the 2-WIRE bus ignoring the LSB of control REG_PAGE). Writing to the page control
register changes the active page for all subsequent read/write operations unless an automatic return
to page 0 was selected by asserting control REVERT. Unless REVERT was asserted after modifying
the active page, it is recommended to read back the page control register to ensure that future data
exchange is accessing the intended registers.
In 2-WIRE operation DA9213, DA9214, and DA9215 offer an alternative way to access register page
2 and page 3. It removes the need for preceding page selection writes by incrementing the device
write/read address by one (default 0xD2/0xD3) for any direct access of page 2 and page 3 (page 0
and 1 access requires the basic write/read device address with the MSB of REG_PAGE to be 0).
7.4.3
Details of the 2-WIRE Control Bus Protocol
All data is transmitted across the 2-WIRE bus in groups of eight bits. To send a bit the SDA line is
driven towards the intended state while the SCL is LOW (a low on SDA indicates a zero bit). Once
the SDA has settled, the SCL line is brought HIGH and then LOW. This pulse on SCL clocks the
SDA bit into the receiver’s shift register.
A two-byte serial protocol is used containing one byte for address and one byte data. Data and
address transfer are transmitted MSB first for both read and write operations. All transmissions begin
with the START condition from the master while the bus is in IDLE state (the bus is free). It is initiated
by a high to low transition on the SDA line while the SCL is in the high state (a STOP condition is
indicated by a low to high transition on the SDA line while the SCL is in the high state).
SCL
SDA
Figure 25: Timing of 2-WIRE START and STOP Condition
The 2-WIRE bus is monitored by DA9213, DA9214, and DA9215 for a valid SLAVE address
whenever the interface is enabled. It responds immediately when it receives its own slave address.
The acknowledge is done by pulling the SDA line low during the following clock cycle (white blocks
marked with A in Figure 26 to Figure 30).
The protocol for a register write from master to slave consists of a start condition, a slave address
with read/write bit and the 8-bit register address followed by eight bits of data terminated by a STOP
condition. DA9213, DA9214, and DA9215 respond to all bytes with Acknowledge. This is illustrated in
Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com