Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 9Page - Renesas Technology Corp DA9213 Datasheet HTML 10Page - Renesas Technology Corp DA9213 Datasheet HTML 11Page - Renesas Technology Corp DA9213 Datasheet HTML 12Page - Renesas Technology Corp DA9213 Datasheet HTML 13Page - Renesas Technology Corp DA9213 Datasheet HTML 14Page - Renesas Technology Corp DA9213 Datasheet HTML 15Page - Renesas Technology Corp DA9213 Datasheet HTML 16Page - Renesas Technology Corp DA9213 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
13 of 62
© 2022 Renesas Electronics
5
Electrical Characteristics
Unless otherwise noted, the following is valid for TJ = -40 to +125 ºC, VDD = 2.8 V to 5.5 V,
COUT = 47
μF per phase, local sensing.
Table 5: Buck Converters Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Component Electrical Conditions
COUT
Output capacitance (per
phase)
Including voltage and
temperature coefficient
23
47
62
µF
ESRCOUT
Equivalent series
resistance (per phase)
f > 100 kHz
10
mΩ
LPHASE
Inductance (per phase)
Including current and
temperature dependence
0.11
0.22
0.29
µH
DCRLPHASE
Inductor resistance
100
mΩ
Electrical Characteristics
VDD
Supply voltage
VDD_x = VSYS
2.8
5.5
V
VBUCK
Buck output voltage
Note 1
IO = 0 to IO_MAX
0.3
1.57
V
VOACC
Output voltage accuracy
PWM mode
Incl. static line/load reg
and voltage ripple
VBUCK
≥ 1 V
-2.0
+2.0
%
Incl. static line/load reg
and voltage ripple
VBUCK < 1 V
±20
mV
VBUCK = 1 V
VDD = 3.8 V
no load
-1.0
+1.0
%
VBUCK = 1 V
VDD = 3.8 V
no load
TA = 27 ºC
-0.5
+0.5
%
VTR_LOAD
Load regulation transient
voltage
Note 2
DA9213
IO = 0 to 5 A, tR = 500 ns
PWM 4-phase
VBUCK
≥ 1 V
VBUCK < 1 V
-2
-20 mV
+2
+20 mV
%
DA9213
IO = 0 to 5 A, tR = 500 ns
auto mode, ph shedding
VBUCK = 1 V
-3.5
+3.5
%
DA9214
IO = 0 to 5 A, tR = 500 ns
PWM 2-phase
VBUCK = 1 V
±3.5
%
DA9215 Buck A
±2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com