Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9213 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA9213
Description  Multi-Phase 5A/Phase DC-DC Buck Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9213 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA9213 Datasheet HTML 53Page - Renesas Technology Corp DA9213 Datasheet HTML 54Page - Renesas Technology Corp DA9213 Datasheet HTML 55Page - Renesas Technology Corp DA9213 Datasheet HTML 56Page - Renesas Technology Corp DA9213 Datasheet HTML 57Page - Renesas Technology Corp DA9213 Datasheet HTML 58Page - Renesas Technology Corp DA9213 Datasheet HTML 59Page - Renesas Technology Corp DA9213 Datasheet HTML 60Page - Renesas Technology Corp DA9213 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 63 page
background image
DA9213, DA9214, and DA9215
Multi-Phase 5A/Phase DC-DC Buck Converter
Datasheet
Revision 3.4
10-Feb-2022
CFR0011-120-00
57 of 62
© 2022 Renesas Electronics
9
Application Information
The following recommended components are examples selected from requirements of a typical
application.
9.1
Capacitor Selection
Ceramic capacitors are used as bypass capacitors at all VDD and output rails. When selecting a
capacitor, especially for types with high capacitance at smallest physical dimension, the DC bias
characteristic has to be taken into account.
Table 14: Recommended Capacitor Types
Application
Value
Size
Temp Char
Tol (%)
V-Rate
Type
VOUT
output bypass
47 µF
0603
X5R ±15 %
±20
6.3 V
Murata
GRM188R60J476ME15
47 µF
0805
X5R ±15 %
±20
10 V
Murata
GRM21BR61A476ME15
22 µF
0603
X5R ±15 %
±20
10 V
Murata
GRM188R61A226ME15
22 µF
0402
X5R ±15 %
±20
4 V
Semco
CL05A226MR5NZNC
VDDx bypass
10 µF
0402
X5R ±15 %
±20
10 V
Semco
CL05A106MP5NUNC
10 µF
0603
X5R ±15 %
±10
10 V
Murata
GRM188R61A105KAAL
VSYS bypass
1 µF
0402
X5R ±15 %
±10
10 V
Murata
GRM155R61A105KE15
VDDIO
bypass
100 nF
01005
X5R ±15 %
±10
6.3 V
Semco
CL02A104KQ2NNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com