Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RB2BA Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89C51RB2BA
Description  80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RB2BA Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89C51RB2BA Datasheet HTML 42Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 43Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 44Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 45Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 46Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 47Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 48Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 49Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Philips Semiconductors
Preliminary specification
89C51RB2/89C51RC2/
89C51RD2
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
46
IAP CALL
PARAMETER
READ MANUFACTURER ID
Input Parameters:
R0 = osc freq (integer)
R1 = 00h
DPH = 00h
DPL = 00h (manufacturer ID)
Return Parameter
ACC = value of byte read
READ DEVICE ID # 1
Input Parameters:
R0 = osc freq (integer)
R1 = 00h
DPH = 00h
DPL = 01h (device ID # 1)
Return Parameter
ACC = value of byte read
READ DEVICE ID # 2
Input Parameters:
R0 = osc freq (integer)
R1 = 00h
DPH = 00h
DPL = 02h (device ID # 2)
Return Parameter
ACC = value of byte read
READ SECURITY BITS
Input Parameters:
R0 = osc freq (integer)
R1 = 07h
DPH = 00h
DPL = 00h (security bits)
Return Parameter
ACC = value of byte read
READ STATUS BYTE
Input Parameters:
R0 = osc freq (integer)
R1 = 07h
DPH = 00h
DPL = 01h (status byte)
Return Parameter
ACC = value of byte read
READ BOOT VECTOR
Input Parameters:
R0 = osc freq (integer)
R1 = 07h
DPH = 00h
DPL = 02h (boot vector)
Return Parameter
ACC = value of byte read
FULL CHIP ERASE
Input Parameters:
R0 = osc frequency
R1 = 08h
DPH = don’t care
DPL = don’t care
Return Parameter
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com