Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RB2BA Datasheet(PDF) 33 Page - NXP Semiconductors

Part # P89C51RB2BA
Description  80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RB2BA Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button P89C51RB2BA Datasheet HTML 29Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 30Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 31Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 32Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 33Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 34Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 35Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 36Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Philips Semiconductors
Preliminary specification
89C51RB2/89C51RC2/
89C51RD2
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
33
AC ELECTRICAL CHARACTERISTICS (6 CLOCK MODE)
Tamb = 0°C to +70°C or –40°C to +85°C, VCC = 5 V ±10%, VSS = 0V1, 2, 3
VARIABLE CLOCK4
20 MHz CLOCK4
SYMBOL
FIGURE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
1/tCLCL
29
Oscillator frequency
0
20
0
20
MHz
tLHLL
29
ALE pulse width
tCLCL–40
10
ns
tAVLL
29
Address valid to ALE low
0.5tCLCL–20
5
ns
tLLAX
29
Address hold after ALE low
0.5tCLCL–20
5
ns
tLLIV
29
ALE low to valid instruction in
2tCLCL–65
35
ns
tLLPL
29
ALE low to PSEN low
0.5tCLCL–20
5
ns
tPLPH
29
PSEN pulse width
1.5tCLCL–45
30
ns
tPLIV
29
PSEN low to valid instruction in
1.5tCLCL–60
15
ns
tPXIX
29
Input instruction hold after PSEN
0
0
ns
tPXIZ
29
Input instruction float after PSEN
0.5tCLCL–20
5
ns
tAVIV
29
Address to valid instruction in
2.5tCLCL–80
45
ns
tPLAZ
29
PSEN low to address float
10
10
ns
Data Memory
tRLRH
30, 31
RD pulse width
3tCLCL–100
50
ns
tWLWH
30, 31
WR pulse width
3tCLCL–100
50
ns
tRLDV
30, 31
RD low to valid data in
2.5tCLCL–90
35
ns
tRHDX
30, 31
Data hold after RD
0
0
ns
tRHDZ
30, 31
Data float after RD
tCLCL–20
5
ns
tLLDV
30, 31
ALE low to valid data in
4tCLCL–150
50
ns
tAVDV
30, 31
Address to valid data in
4.5tCLCL–165
60
ns
tLLWL
30, 31
ALE low to RD or WR low
1.5tCLCL–50
1.5tCLCL+50
25
125
ns
tAVWL
30, 31
Address valid to WR low or RD low
2tCLCL–75
25
ns
tQVWX
30, 31
Data valid to WR transition
0.5tCLCL–25
0
ns
tWHQX
30, 31
Data hold after WR
0.5tCLCL–20
5
ns
tQVWH
31
Data valid to WR high
3.5tCLCL–130
45
ns
tRLAZ
30, 31
RD low to address float
0
0
ns
tWHLH
30, 31
RD or WR high to ALE high
0.5tCLCL–20
0.5tCLCL+20
5
45
ns
External Clock
tCHCX
33
High time
20
tCLCL–tCLCX
ns
tCLCX
33
Low time
20
tCLCL–tCHCX
ns
tCLCH
33
Rise time
5
ns
tCHCL
33
Fall time
5
ns
Shift Register
tXLXL
32
Serial port clock cycle time
6tCLCL
300
ns
tQVXH
32
Output data setup to clock rising edge
5tCLCL–133
117
ns
tXHQX
32
Output data hold after clock rising edge
tCLCL–30
20
ns
tXHDX
32
Input data hold after clock rising edge
0
0
ns
tXHDV
32
Clock rising edge to input data valid
5tCLCL–133
117
ns
NOTES:
1. Parameters are valid over operating temperature range unless otherwise specified.
2. Load capacitance for port 0, ALE, and PSEN = 100 pF, load capacitance for all other outputs = 80 pF.
3. Interfacing the microcontroller to devices with float times up to 45 ns is permitted. This limited bus contention will not cause damage to
Port 0 drivers.
4. Parts are tested to 2 MHz, but are guaranteed to operate down to 0 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com