Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89C51RB2BA Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89C51RB2BA
Description  80C51 8-bit Flash microcontroller family 16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C51RB2BA Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89C51RB2BA Datasheet HTML 24Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 25Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 26Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 27Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 28Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 29Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 30Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 31Page - NXP Semiconductors P89C51RB2BA Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Philips Semiconductors
Preliminary specification
89C51RB2/89C51RC2/
89C51RD2
80C51 8-bit Flash microcontroller family
16KB/32KB/64KB ISP/IAP Flash with 512B/512B/1KB RAM
1999 Sep 23
28
––
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
CCAPM4
(C6H)
CH
CL
CCAP4H
CCAP4L
RESET
PCA TIMER/COUNTER
X0
00
16–BIT COMPARATOR
MATCH
ENABLE
WRITE TO
CCAP4L
RESET
WRITE TO
CCAP4H
10
1
CMOD
(C1H)
CIDL
WDTE
––
––
––
CPS1
CPS0
ECF
X
SU01105
MODULE 4
Figure 25. PCA Watchdog Timer m(Module 4 only)
PCA Watchdog Timer
An on-board watchdog timer is available with the PCA to improve the
reliability of the system without increasing chip count. Watchdog
timers are useful for systems that are susceptible to noise, power
glitches, or electrostatic discharge. Module 4 is the only PCA module
that can be programmed as a watchdog. However, this module can
still be used for other modes if the watchdog is not needed.
Figure 25 shows a diagram of how the watchdog works. The user
pre-loads a 16-bit value in the compare registers. Just like the other
compare modes, this 16-bit value is compared to the PCA timer
value. If a match is allowed to occur, an internal reset will be
generated. This will not cause the RST pin to be driven high.
In order to hold off the reset, the user has three options:
1. periodically change the compare value so it will never match the
PCA timer,
2. periodically change the PCA timer value so it will never match
the compare values, or
3. disable the watchdog by clearing the WDTE bit before a match
occurs and then re-enable it.
The first two options are more reliable because the watchdog
timer is never disabled as in option #3. If the program counter ever
goes astray, a match will eventually occur and cause an internal
reset. The second option is also not recommended if other PCA
modules are being used. Remember, the PCA timer is the time
base for all modules; changing the time base for other modules
would not be a good idea. Thus, in most applications the first
solution is the best option.
Figure 26 shows the code for initializing the watchdog timer.
Module 4 can be configured in either compare mode, and the WDTE
bit in CMOD must also be set. The user’s software then must
periodically change (CCAP4H,CCAP4L) to keep a match from
occurring with the PCA timer (CH,CL). This code is given in the
WATCHDOG routine in Figure 26.
This routine should not be part of an interrupt service routine,
because if the program counter goes astray and gets stuck in an
infinite loop, interrupts will still be serviced and the watchdog will
keep getting reset. Thus, the purpose of the watchdog would be
defeated. Instead, call this subroutine from the main program within
216 count of the PCA timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com