Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803CD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ADC0803CD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803CD Datasheet(HTML) 4 Page - NXP Semiconductors

  ADC0803CD Datasheet HTML 1Page - NXP Semiconductors ADC0803CD Datasheet HTML 2Page - NXP Semiconductors ADC0803CD Datasheet HTML 3Page - NXP Semiconductors ADC0803CD Datasheet HTML 4Page - NXP Semiconductors ADC0803CD Datasheet HTML 5Page - NXP Semiconductors ADC0803CD Datasheet HTML 6Page - NXP Semiconductors ADC0803CD Datasheet HTML 7Page - NXP Semiconductors ADC0803CD Datasheet HTML 8Page - NXP Semiconductors ADC0803CD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
4
DC ELECTRICAL CHARACTERISTICS
VCC = 5.0 V, fCLK = 1 MHz, Tmin ≤ Tamb ≤ Tmax, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
ADC0803 relative accuracy error (adjusted)
Full-Scale adjusted
0.50
LSB
ADC0804 relative accuracy error (unadjusted)
VREF/2 = 2.500 VDC
1
LSB
RIN
VREF/2 input resistance3
VCC = 0 V2
400
680
Ω
Analog input voltage range3
–0.05
VCC+0.05
V
DC common-mode error
Over analog input voltage range
1/16
1/8
LSB
Power supply sensitivity
VCC = 5V ±10%1
1/16
LSB
Control inputs
VIH
Logical “1” input voltage
VCC = 5.25 VDC
2.0
15
VDC
VIL
Logical “0” input voltage
VCC = 4.75 VDC
0.8
VDC
IIH
Logical “1” input current
VIN = 5 VDC
0.005
1
µADC
IIL
Logical “0” input current
VIN = 0 VDC
–1
–0.005
µADC
Clock in and clock R
VT+
Clock in positive-going threshold voltage
2.7
3.1
3.5
VDC
VT–
Clock in negative-going threshold voltage
1.5
1.8
2.1
VDC
VH
Clock in hysteresis (VT+)–(VT–)
0.6
1.3
2.0
VDC
VOL
Logical “0” clock R output voltage
IOL = 360 µA, VCC = 4.75 VDC
0.4
VDC
VOH
Logical “1” clock R output voltage
IOH = –360 µA, VCC = 4.75 VDC
2.4
VDC
Data output and INTR
VOL
Logical “0” output voltage
Data outputs
IOL = 1.6 mA, VCC = 4.75 VDC
0.4
VDC
INTR outputs
IOL = 1.0 mA, VCC = 4.75 VDC
0.4
VDC
VO
Logical “1” output voltage
IOH = –360 µA, VCC = 4.75 VDC
2.4
V C
VOH
Logical “1” output voltage
IOH = –10 µA, VCC = 4.75 VDC
4.5
VDC
IOZL
3-State output leakage
VOUT = 0 VDC, CS = logical “1”
–3
µADC
IOZH
3-State output leakage
VOUT = 5 VDC, CS = logical “1”
3
µADC
ISC
+Output short-circuit current
VOUT = 0 V, Tamb = 25 °C
4.5
12
mADC
ISC
–Output short-circuit current
VOUT = VCC, Tamb = 25 °C
9.0
30
mADC
ICC
Power supply current
fCLK = 1 MHz, VREF/2 = OPEN,
CS = Logical “1”, Tamb = 25 °C
3.0
3.5
mA
NOTES:
1. Analog inputs must remain within the range: –0.05
≤ VIN ≤ VCC + 0.05 V.
2. See typical performance characteristics for input resistance at VCC = 5 V.
3. VREF/2 and VIN must be applied after the VCC has been turned on to prevent the possibility of latching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com