Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803CD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # ADC0803CD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803CD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button ADC0803CD Datasheet HTML 8Page - NXP Semiconductors ADC0803CD Datasheet HTML 9Page - NXP Semiconductors ADC0803CD Datasheet HTML 10Page - NXP Semiconductors ADC0803CD Datasheet HTML 11Page - NXP Semiconductors ADC0803CD Datasheet HTML 12Page - NXP Semiconductors ADC0803CD Datasheet HTML 13Page - NXP Semiconductors ADC0803CD Datasheet HTML 14Page - NXP Semiconductors ADC0803CD Datasheet HTML 15Page - NXP Semiconductors ADC0803CD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
12
A/D
VIN(+)
VIN(–)
VCC
VREF/2
+
10
µF
2 k
Ω
2 k
Ω
100
Ω
FULL SCALE
OPTIONAL
TRANSDUCER
VCC
SL00024
Figure 9. Ratiometric Mode of Operation with Optional Full
Scale Adjustment
CLK IN
A GND
VREF/2
VIN(–)
A/D
+5 V
10 k
Ω
2.7 k
Ω
47
µF TO
100
µF
56 pF
10k
CS
1
2
3
4
5
6
7
8
9
10
RD
INTR
WR
VIN(+)
D GND
20
CLK R
18
17
16
15
14
13
12
11
VCC
D0
DB0
D1
D2
D3
D4
D5
D6
D7
DB1
DB2
DB3
DB4
DB5
DB6
DB7
+5 V
19
SL00025
10 k
Ω
Figure 10. Connection for Continuous Conversion
R
CLK IN 4
C
CLK
A/D
fCLK = 1/1.7 R C
R = 10 k
Ω
CLK R 19
SL00026
Figure 11. Self-Clocking the Converter
D GND
VREF/2
CLK IN
A GND
VIN(–)
A/D
10 k
Ω
CS
1
2
3
4
5
6
7
8
9
10
RD
INTR
WR
VIN(+)
20
CLK R
18
17
16
15
14
13
12
11
VCC
D0
DB0
D1
D2
D3
D4
D5
D6
D7
DB1
DB2
DB3
DB4
DB5
DB6
DB7
+5 V
19
ADDRESS
DECODE
LOGIC
INT
I/O WR
I/O RD
ANALOG
INPUTS
56 pF
SL00027
Figure 12. Interfacing to 8080A Microprocessor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com