Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0803CD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # ADC0803CD
Description  CMOS 8-bit A/D converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ADC0803CD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button ADC0803CD Datasheet HTML 10Page - NXP Semiconductors ADC0803CD Datasheet HTML 11Page - NXP Semiconductors ADC0803CD Datasheet HTML 12Page - NXP Semiconductors ADC0803CD Datasheet HTML 13Page - NXP Semiconductors ADC0803CD Datasheet HTML 14Page - NXP Semiconductors ADC0803CD Datasheet HTML 15Page - NXP Semiconductors ADC0803CD Datasheet HTML 16Page - NXP Semiconductors ADC0803CD Datasheet HTML 17Page - NXP Semiconductors ADC0803CD Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Philips Semiconductors
Product data
ADC0803/0804
CMOS 8-bit A/D converters
2002 Oct 17
14
SCC80C51
A/D
CS
18
17
16
15
14
13
12
11
8RD
INT
WR
D0
D1
D2
D3
D4
D5
D6
D7
10
6
27
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
P10
18
17
16
15
14
13
12
11
2
3
5
1
RD
INTR
WR
LOWER
P15
RAISE
P16
13
14
1/4
HEF4071
20 GND
29
P12
+V
2N3906
1N4148
TO HEATER
1/4
HEF4071
6
2
1
7
3
6
2
1
7
3
RBI
5
NE587
NE587
RBO
4
RBI
5
7
8
7
8
10 k
Ω
20
19
+5 V
VCC
CLK R
10 k
Ω
CLK IN
56 pF
4
+
10
µF
VIN(–)
VIN(+)
7
D GND
10 8
A GND
LM35
6
SL00031
10 k
Ω
Figure 16. Digital Thermostat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com