Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1185ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1185ARMZ
Description  Quad Voltage Monitor and Sequencer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1185ARMZ Datasheet HTML 4Page - Analog Devices ADM1185ARMZ Datasheet HTML 5Page - Analog Devices ADM1185ARMZ Datasheet HTML 6Page - Analog Devices ADM1185ARMZ Datasheet HTML 7Page - Analog Devices ADM1185ARMZ Datasheet HTML 8Page - Analog Devices ADM1185ARMZ Datasheet HTML 9Page - Analog Devices ADM1185ARMZ Datasheet HTML 10Page - Analog Devices ADM1185ARMZ Datasheet HTML 11Page - Analog Devices ADM1185ARMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADM1185
Preliminary Technical Data
Rev. PrK | Page 12 of 12
OUTLINE DIMENSIONS
0.0197 (0.50)
BSC
0.122 (3.10)
0.114 (2.90)
10
6
5
1
0.199 (5.05)
0.187 (4.75)
PIN
1
0.122 (3.10)
0.114 (2.90)
0.012 (0.30)
0.006 (0.15)
0.037 (0.94)
0.031 (0.78)
SEATING
PLANE
0.120 (3.05)
0.112 (2.85)
0.043 (1.10)
MAX
0.006 (0.15)
0.002 (0.05)
0.028 (0.70)
0.016 (0.40)
0.009 (0.23)
0.005 (0.13)
6
0
o
0.120 (3.05)
0.112 (2.85)
o
Figure 9. 10-Lead MSOP Package
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Outline
ADM1185ARMZ1
-40°C to +85°C
MSOP-10
RM-10
Z=PB-free part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com