Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1185ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1185ARMZ
Description  Quad Voltage Monitor and Sequencer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ Datasheet(HTML) 3 Page - Analog Devices

  ADM1185ARMZ Datasheet HTML 1Page - Analog Devices ADM1185ARMZ Datasheet HTML 2Page - Analog Devices ADM1185ARMZ Datasheet HTML 3Page - Analog Devices ADM1185ARMZ Datasheet HTML 4Page - Analog Devices ADM1185ARMZ Datasheet HTML 5Page - Analog Devices ADM1185ARMZ Datasheet HTML 6Page - Analog Devices ADM1185ARMZ Datasheet HTML 7Page - Analog Devices ADM1185ARMZ Datasheet HTML 8Page - Analog Devices ADM1185ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
ADM1185
Rev. PrK | Page 3 of 12
ADM1185—SPECIFICATIONS
VVCC = 2.7V to 5.5V, TA = -40°C to +85°C
Table 1.
Parameter
Min
Typ
Max
Units
Conditions
VCC Pin
Operating Voltage Range, VVCC
2.7
5.5
V
Supply Current, IVCC
30
100
µA
VIN1-VIN4 Pins
Input Current, IVINLEAK
-100
100
nA
VVINx = 0.7V
Input Rising Threshold, VTHR
0.5952
0.6000
0.6048
V
Input Rising Hysteresis, VHYST (=VTHR -VTHF)
9
mV
OUT1-OUT3, PWRGD Pins
Output low voltage, VOUTL
0.4
V
VVCC = 2.7 V, ISINK = 2mA
0.4
V
VVCC = 1 V, ISINK =100µA
Leakage Current, IALERT
-1
1
µA
VVCC that guarantees outputs valid
1
V
All outputs will be guaranteed to be either
low or giving a valid output level from VVCC
= 1V.
VIN1 to OUT1 Delay
100
190
280
ms
VVIN1 Rising
VIN4 to PWRGD Delay
100
190
280
ms
VVIN4 Rising, condition only valid at certain
operational states, refer to state diagram
High-to-Low Propagation Delay
30
µs
VVCC =3.3V, see TPC1
Low-to-High Propagation Delay
30
µs
VVCC =3.3V, see TPC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com