Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1185ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1185ARMZ
Description  Quad Voltage Monitor and Sequencer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1185ARMZ Datasheet(HTML) 1 Page - Analog Devices

  ADM1185ARMZ Datasheet HTML 1Page - Analog Devices ADM1185ARMZ Datasheet HTML 2Page - Analog Devices ADM1185ARMZ Datasheet HTML 3Page - Analog Devices ADM1185ARMZ Datasheet HTML 4Page - Analog Devices ADM1185ARMZ Datasheet HTML 5Page - Analog Devices ADM1185ARMZ Datasheet HTML 6Page - Analog Devices ADM1185ARMZ Datasheet HTML 7Page - Analog Devices ADM1185ARMZ Datasheet HTML 8Page - Analog Devices ADM1185ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Quad Voltage Monitor and Sequencer
Preliminary Technical Data
ADM1185
Rev. PrK June 2006
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Powered from 2.7V to 5.5V on the VCC pin
Monitors Four Supplies via 0.8% Accurate Comparators
Four inputs can be programmed for voltage levels with
resistor dividers
Three Open-Drain Enable Outputs
Open-Drain Power Good Output
10-pin MSOP Package
APPLICATIONS
Monitor and Alarm Functions
Power Supply Sequencing
Telecommunication and Datacommunication Equipment
PC/Servers
GENERAL DESCRIPTION
The ADM1185 is an integrated four channel voltage monitoring
device. A 2.7V to 5.5V power supply is required on the VCC pin
to power the device.
Four precision comparators monitor four voltage rails. All
comparators have a 0.6V reference with a worst-case accuracy
of 0.8%. Resistor networks external to the VIN1-VIN4 pins set
the trip points.
There are four open-drain outputs on the device. A digital core
interprets the comparator outputs and asserts the outputs as
appropriate.
FUNCTIONAL BLOCK DIAGRAM
OUT1
PWRGD
VCC
VIN2
REF=0.6V
VIN3
REF=0.6V
VIN4
REF=0.6V
REF=0.6V
GND
OUT2
OUT3
LOGIC
POWER AND
REFERENCE
GENERATOR
REF=0.6V
VIN1
ADM1185
Figure 1.
APPLICATIONS DIAGRAM
OUT1
OUT2
OUT3
2.5V OUT
1.8V OUT
PWRGD
VIN4
VIN2
VIN3
POWER
GOOD
EN
Regulator1
3.3V IN
EN
OUT
IN
2.5V OUT
EN
OUT
IN
1.8V OUT
OUT
IN
GND
1.2V OUT
1.2V OUT
Regulator2
Regulator3
VCC
VIN1
ADM1185
Figure 2.


Similar Part No. - ADM1185ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1185ARMZ-1 AD-ADM1185ARMZ-1 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
ADM1185ARMZ-1REEL7 AD-ADM1185ARMZ-1REEL7 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
More results

Similar Description - ADM1185ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1185 AD-ADM1185_07 Datasheet
320Kb / 16P
Quad Voltage Monitor and Sequencer
3/07-Revision 0
ADM1186 AD-ADM1186 Datasheet
444Kb / 28P
Quad Voltage Up and Down Sequencer and Monitor with Programmable Timing
REV. 0
logo
Maxim Integrated Produc...
MAX34461 MAXIM-MAX34461 Datasheet
3Mb / 59P
PMBus 16-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
MAX34460 MAXIM-MAX34460 Datasheet
3Mb / 65P
PMBus 12-Channel Voltage Monitor and Sequencer
Rev 0; 9/12
logo
Analog Devices
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
Super Sequencer and Monitor
Rev. D
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
Super Sequencer and Monitor
REV. C
ADM1185 AD-ADM1185_15 Datasheet
299Kb / 16P
Quad Voltage Monitor and Sequencer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com