Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA481 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BA481
Description  UHF mixer diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA481 Datasheet(HTML) 2 Page - NXP Semiconductors

  BA481 Datasheet HTML 1Page - NXP Semiconductors BA481 Datasheet HTML 2Page - NXP Semiconductors BA481 Datasheet HTML 3Page - NXP Semiconductors BA481 Datasheet HTML 4Page - NXP Semiconductors BA481 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1996 Mar 19
2
Philips Semiconductors
Product specification
UHF mixer diode
BA481
FEATURES
• Low forward voltage
• Hermetically-sealed leaded glass
package
• Low diode capacitance.
APPLICATIONS
• UHF mixer
• Sampling circuits
• Modulators
• Phase detection.
DESCRIPTION
Planar Schottky barrier diode encapsulated in a hermetically-sealed
subminiature SOD68 (DO-34) glass package. The diode is suitable for
mounting on a 2 E (5.08 mm) pitch.
Fig.1 Simplified outline (SOD68; DO-34), and symbol.
handbook, halfpage
MAM193
k
a
Cathode indicated by a grey band.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VR
continuous reverse voltage
4V
IF
continuous forward current
30
mA
Tstg
storage temperature
−65
+125
°C
Tj
junction temperature
100
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com