Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA481 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BA481
Description  UHF mixer diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BA481 Datasheet(HTML) 3 Page - NXP Semiconductors

  BA481 Datasheet HTML 1Page - NXP Semiconductors BA481 Datasheet HTML 2Page - NXP Semiconductors BA481 Datasheet HTML 3Page - NXP Semiconductors BA481 Datasheet HTML 4Page - NXP Semiconductors BA481 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1996 Mar 19
3
Philips Semiconductors
Product specification
UHF mixer diode
BA481
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. The local oscillator is adjusted for a diode current of 2 mA.
IF amplifier noise Fif = 1.5 dB; f = 35 MHz.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD68 standard mounting conditions.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.2
IF =1mA
450
mV
IF =10mA
600
mV
IR
reverse current
VR = 4 V; see Fig.3
10
µA
VR =4V; Tamb =60 °C; see Fig.3 100
µA
rs
series resistance
f = 1 kHz; IF =5mA
13
Ω
F
noise figure
f = 900 MHz; note 1
8
dB
Cd
diode capacitance
f = 1 MHz; VR = 0 V; see Fig.4
1.1
pF
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
320
KW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com